Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHR2295 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHR2295
Description  24-30GHz Integrated Down Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2295 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHR2295 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2295 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2295 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2295 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2295 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2295 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHR2295
24-30GHz MFC Down Converter
Ref.: DSCHR22951192 - 11 Jul 11
2/6
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics for Broadband Operation
Tamb = +25°C, Vd = 3.5V
Symbol
Parameter
Min
Typ
Max
Unit
FRF
RF frequency range
24
30
GHz
FLO
LO frequency range
12
15
GHz
FIF
IF frequency range
DC
1.5
GHz
Gc
Conversion gain
(1)
8.5
11
dB
NF
Noise Figure, for IF>0.1GHz
3.5
dB
PLO
LO Input power
10
dBm
Img Sup
Image Suppression
15
17
dBc
P1dB
Input power at 1dB gain compression
-10
dBm
LO VSWR
Input LO VSWR
(1)
2.0:1
RF VSWR
Input RF VSWR
(1)
3.0:1
Id
Bias current
(2)
120
mA
(1) On Wafer measurements
(2) Current source biasing network is recommended. Optimum performances will be
achieved for Idm=50mA and Idl=70mA
Absolute Maximum Ratings
Tamb. = 25°C
(1)
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
4.0
V
Id
Drain bias current
200
mA
Vg
Gate bias voltage
-2.0 to +0.4
V
Pin
Maximum peak input power overdrive
(2)
+15
dBm
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +155
°C
(1) Operation of this device above anyone of these parameters may cause permanent
damage.
(2) Duration < 1s.


Similar Part No. - CHR2295

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2295 UMS-CHR2295 Datasheet
144Kb / 6P
   24-30GHz Integrated Down Converter
CHR2295 UMS-CHR2295 Datasheet
191Kb / 6P
   24-30GHz Integrated Down Converter
CHR2295-99F/00 UMS-CHR2295-99F/00 Datasheet
144Kb / 6P
   24-30GHz Integrated Down Converter
CHR2295 UMS-CHR2295_15 Datasheet
191Kb / 6P
   24-30GHz Integrated Down Converter
More results

Similar Description - CHR2295

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2295 UMS-CHR2295 Datasheet
144Kb / 6P
   24-30GHz Integrated Down Converter
CHR2295 UMS-CHR2295_15 Datasheet
191Kb / 6P
   24-30GHz Integrated Down Converter
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHA5390TBF UMS-CHA5390TBF Datasheet
169Kb / 6P
   24-30GHz Medium Power Amplifier
CHA5390 UMS-CHA5390 Datasheet
177Kb / 8P
   24-30GHz Medium Power Amplifier
CHR2291 UMS-CHR2291 Datasheet
121Kb / 6P
   12-17GHz Integrated Down Converter
CHR2296 UMS-CHR2296 Datasheet
119Kb / 5P
   36- 40GHz Integrated Down Converter
CHR3352-QEG UMS-CHR3352-QEG Datasheet
622Kb / 16P
   12-16GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG Datasheet
378Kb / 14P
   37-40GHz Integrated Down Converter
CHR2292 UMS-CHR2292_04 Datasheet
100Kb / 6P
   17-20GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com