Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-3-L2-12V Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # S-3-L2-12V
Description  4 AMP POLARIZED HIGH DENSITY RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

S-3-L2-12V Datasheet(HTML) 5 Page - Panasonic Semiconductor

  S-3-L2-12V Datasheet HTML 1Page - Panasonic Semiconductor S-3-L2-12V Datasheet HTML 2Page - Panasonic Semiconductor S-3-L2-12V Datasheet HTML 3Page - Panasonic Semiconductor S-3-L2-12V Datasheet HTML 4Page - Panasonic Semiconductor S-3-L2-12V Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
S
223
NOTES
1. Special use of 2 coil latching types: 2
ways can be considered if 2 coil latching
types are used as 1 coil latching types.
(A) Reverse polarity is applied to the set
coil of 2 coil latching type.
(B) By shorting terminals 12 and 7, apply
plus to 1, minus to 6 at set and plus to 6,
minus to 1 at reset. Applied coil voltage
should be the same as the nominal. Ope-
rating power will be reduced to one-half.
Reset position of 2a2b type
2. Soldering operations should be accom-
plished as quick as possible; within 10
seconds at 250
°C 482°F solder tempera-
ture or 3 seconds at 350
°C 662°F. The
header portion being sealed with epoxy
resin, undue subjection to heat may
cause loss of seal. Solder should not be
permitted to remain on the header.
123456
12
11
10
9
8
7
-
+
CAUTIONS FOR USE
Based on regulations regarding insulation distance, there is a re-
striction on same-channel load connections between terminals
No. 2, 3 and 4, 5, as well as between No. 8, 9 and 10, 11. See the
figure below for an example.
4
2
5
3
10
9
4
8
11
5
23
9
8
11
• Between 2, 3 and 4, 5:
• Between 10, 11 and 8, 9:
same channels, therefore possible
same channels, therefore possible
• Between 2, 3 and 4, 5:
• Between 10, 11 and 8, 9:
different channels, therefore not possible
different channels, therefore not possible
10
No good
Good
For Cautions for Use, see Relay Technical Information (Page 48 to 76).
Removing method:
(1) Remove the relay straight from the
socket holding the shaded portion of the
relay as shown in Fig. 2.
Fig. 2
(2) When sockets are mounted in close
proximity, use a slotted screw driver as
shown in Fig. 3.
Fig. 3
Inserting and removing method
Inserting method: Insert the relay as shown in
Fig. 1 unit the rib of the relay snaps into the
clip of the socket.
Rib
Fig. 1


Similar Part No. - S-3-L2-12V

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S-3-1/2 COOPER-S-3-1/2 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element
logo
Eaton All Rights Reserv...
S-3-1/2 EATON-S-3-1/2 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
logo
Cooper Bussmann, Inc.
S-3-2/10 COOPER-S-3-2/10 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element
logo
Eaton All Rights Reserv...
S-3-2/10 EATON-S-3-2/10 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
logo
List of Unclassifed Man...
S-3-A-4-G ETC2-S-3-A-4-G Datasheet
136Kb / 1P
   S 3 PROBE AND RECEPTACLE
More results

Similar Description - S-3-L2-12V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
S2EB-12 NAIS-S2EB-12 Datasheet
85Kb / 4P
   4 AMP POLARIZED HIGH DENSITY RELAY WITH HIGH SENSITIVITY
TK1-1.5V NAIS-TK1-1.5V Datasheet
86Kb / 5P
   ULTRA LOW PROFILE 2 AMP. POLARIZED RELAY
logo
ZETTLER Electronics
AZ830-4C-5DEA ZETTLER-AZ830-4C-5DEA Datasheet
156Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ8304P AZETTLER-AZ8304P Datasheet
69Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
ZETTLER Electronics
AZ830-4C ZETTLER-AZ830-4C Datasheet
99Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com