Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS2-LT-3V Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # TXS2-LT-3V
Description  New pin layout (LT type) added
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TXS2-LT-3V Datasheet(HTML) 3 Page - Panasonic Semiconductor

  TXS2-LT-3V Datasheet HTML 1Page - Panasonic Semiconductor TXS2-LT-3V Datasheet HTML 2Page - Panasonic Semiconductor TXS2-LT-3V Datasheet HTML 3Page - Panasonic Semiconductor TXS2-LT-3V Datasheet HTML 4Page - Panasonic Semiconductor TXS2-LT-3V Datasheet HTML 5Page - Panasonic Semiconductor TXS2-LT-3V Datasheet HTML 6Page - Panasonic Semiconductor TXS2-LT-3V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TX-S
2) 1 coil latching
3) 2 coil latching (L2, LT)
*Pulse drive (JIS C 5442-1986)
2. Specifications
Notes: *1 This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load. (AgPd contact type or SX relays are available for low level load switching [10V DC, 10mA max. level])
*2 Refer to 6. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT.
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
1.5V DC
80%V or less of
nominal voltage*
(Initial)
80%V or less of
nominal voltage*
(Initial)
23.3mA
64.3
35mW
150%V of
nominal voltage
3V DC
11.7mA
257
4.5V DC
7.8mA
579
6V DC
5.8mA
1,029
9V DC
3.9mA
2,314
12V DC
2.9mA
4,114
24V DC
2.1mA
11,520
50mW
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
Set coil
Reset coil
Set coil
Reset coil
Set coil
Reset coil
1.5V DC
80%V or less of
nominal voltage*
(Initial)
80%V or less of
nominal voltage*
(Initial)
46.7mA
46.7mA
32.1
32.1
70mW
70mW
150%V of
nominal voltage
3V DC
23.3mA
23.3mA
129
129
4.5V DC
15.6mA
15.6mA
289
289
6V DC
11.7mA
11.7mA
514
514
9V DC
7.8mA
7.8mA
1,157
1,157
12V DC
5.8mA
5.8mA
2,057
2,057
24V DC
6.3mA
6.3mA
3,840
3,840
150mW
150mW
Characteristics
Item
Specifications
Contact
Arrangement
2 Form C
Initial contact resistance, max.
Max. 100 m
Ω (By voltage drop 6 V DC 1A)
Contact material
Standard contact: Ag+Au clad, AgPd contact (low level load): AgPd+Au clad (stationary),
AgPd (movable)
Rating
Nominal switching capacity
1 A 30 V DC (resistive load)
Max. switching power
30 W (DC) (resistive load)
Max. switching voltage
110V DC
Max. switching current
1 A
Min. switching capacity (Reference value)*1
10
µA 10mV DC
Nominal operating
power
Single side stable
50 mW (1.5 to 12 V DC), 70 mW (24 V DC)
1 coil latching
35 mW (1.5 to 12 V DC), 50 mW (24 V DC)
2 coil latching
70 mW (1.5 to 12 V DC), 150 mW (24 V DC)
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000M
Ω (at 500V DC)
Measurement at same location as “Initial breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
750 Vrms for 1min. (Detection current: 10mA)
Between contact and coil
1,800 Vrms for 1min. (Detection current: 10mA)
Between contact sets
1,000 Vrms for 1min. (Detection current: 10mA)
Surge breakdown
voltage (Initial)
Between open contacts
1,500 V (10
×160µs) (FCC Part 68)
Between contacts and coil
2,500 V (2
×10µs) (Telcordia)
Temperature rise (at 20
°C 68°F)
Max. 50
°C
(By resistive method, nominal coil voltage applied to the coil; contact carrying current: 1A.)
Operate time [Set time] (at 20
°C 68°F)
Max. 5 ms [Max. 5 ms] (Nominal coil voltage applied to the coil, excluding contact bounce
time.)
Release time [Reset time] (at 20
°C 68°F)
Max. 5 ms [Max. 5 ms] (Nominal coil voltage applied to the coil, excluding contact bounce
time.) (without diode)
Mechanical
characteristics
Shock resistance
Functional
Min. 750 m/s2 (Half-wave pulse of sine wave: 6 ms; detection time: 10
µs.)
Destructive
Min. 1,000 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 3.3 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 5 mm
Expected life
Mechanical
Min. 5
×107 (at 180 cpm)
Electrical
Min. 2
×105 (1 A 30 V DC resistive) (at 20 cpm)
Conditions
Conditions for operation, transport and storage*2
Ambient temperature: –40
°C to +70°C –40°F to +158°F;
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed (at rated load)
20 cpm
Unit weight
Approx. 2 g .071 oz
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.


Similar Part No. - TXS2-LT-3V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TXS2-LT-3V PANASONIC-TXS2-LT-3V Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
More results

Similar Description - TXS2-LT-3V

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-2604-TT-R PUI-AI-2604-TT-R Datasheet
215Kb / 1P
   ADDED PIN LAYOUT AND IDENTIFICATION
logo
STMicroelectronics
AN821 STMICROELECTRONICS-AN821 Datasheet
40Kb / 4P
   NEW LAYOUT INSULATION REQUIREMENT
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
TXS2-3V PANASONIC-TXS2-3V Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
logo
Omron Electronics LLC
M7E01DRP2 OMRON-M7E01DRP2 Datasheet
1,000Kb / 16P
   New Models with Blanking Function Added to the Series
logo
FCI connector
PHEC40P-R211LF FCI-CONNECTOR-PHEC40P-R211LF Datasheet
509Kb / 8P
   30,34,50,68 POSITIONS ADDED LOCATOR MATERIAL ADDED
logo
RAYEX ELECTRONICS CO., ...
LT-12GS RAYEX-LT-12GS Datasheet
547Kb / 2P
   LT SERIES
logo
Projects Unlimited, Inc...
ANM-5254L-R PUI-ANM-5254L-R Datasheet
266Kb / 1P
   ADDED TERMINAL POLARITY
logo
Weidmuller
0205700000 WEIDMULLER-0205700000 Datasheet
532Kb / 1P
   SAKT 1/LT SAKT 2/LT
logo
Siemens Semiconductor G...
BP104S SIEMENS-BP104S Datasheet
47Kb / 4P
   Neu: Silizium-PIN-Fotodiode, New: Silicon PIN Photodiode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com