Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERBRG0R37V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERBRG0R37V
Description  Micro Chip Fuse
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERBRG0R37V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERBRG0R37V Datasheet HTML 1Page - Panasonic Semiconductor ERBRG0R37V Datasheet HTML 2Page - Panasonic Semiconductor ERBRG0R37V Datasheet HTML 3Page - Panasonic Semiconductor ERBRG0R37V Datasheet HTML 4Page - Panasonic Semiconductor ERBRG0R37V Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
– 388 –
Micro Chip Fuse
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
E
1
Product Code
Micro Chip Fuse
Structure
Rectangular type
Product shape
3216 size
(3.2 mm 1.6 mm)
Packaging
Type
Code
Punched Carrier Taping
4mm pitch, 5,000 pcs.
R
2
B
3
R
4
D
5
1
6
7
R
8
0
9
0
10
X
V
R
G
1608 size
(1.6 mm 0.8 mm)
E
Rated Current (A)
0R25
0R31
0R37
0R50
0R75
1R00
1R25
0.25 A
0.315 A
0.375 A
0.50 A
0.75 A
1.0 A
1.25 A
1R50
2R00
2R50
3R00
4R00
5R00
1.5 A
2.0 A
2.5 A
3.0 A
4.0 A
5.0 A
1005 size
(1.0 mm 0.5 mm)
D
Pressed Carrier Taping
2mm pitch, 10,000 pcs. ERBRD
ERBRE
ERBRG
X
Almina Substrate
Fusing Element
Electrode
(Outer)
Protective Coating
Electrode (Base)
a
b
t
W
L
Micro Chip Fuse
Type:
ERBRD
ERBRE
ERBRG
Explanation of Part Numbers
Features
● Small size
● Fast-acting and withstanding in-rush current characteristics
Construction
Dimensions in mm (not to scale)
Type
(inch size)
Dimensions (mm)
Mass (Weight)
(g/1000 pcs.)
LWa
b
t
ERBRD
(0402)
1.00
±0.10 0.50+0.10 0.15±0.10 0.25±0.10 0.39±0.10
0.7
ERBRE
(0603)
1.60
±0.15 0.80+0.15 0.24±0.15 0.30±0.15 0.54±0.10
2.2
ERBRG
(1206)
3.20
±0.20 1.60±0.15 0.30±0.20 0.55±0.20 0.65±0.10
10
-0.05
-0.05
Approved Safety Standards
UL248-14 : File No.E194052
c-UL C22.2 No.248-14 : File No.E194052
Sep. 2010
00
● RoHS compliant


Similar Part No. - ERBRG0R37V

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ERB-00A ETA-USA-ERB-00A Datasheet
512Kb / 4P
   50 WATT AC-DC CONVERTER
ERB-00B ETA-USA-ERB-00B Datasheet
467Kb / 4P
   50 WATT AC-DC CONVERTER
ERB-FWB ETA-USA-ERB-FWB Datasheet
327Kb / 3P
   50 WATT AC-DC CONVERTER
ERB-HWA ETA-USA-ERB-HWA Datasheet
372Kb / 3P
   60 WATT AC-DC CONVERTER
ERB-HWB ETA-USA-ERB-HWB Datasheet
481Kb / 3P
   60 WATT AC-DC CONVERTER
More results

Similar Description - ERBRG0R37V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERB-SE5R00U PANASONIC-ERB-SE5R00U Datasheet
139Kb / 5P
   micro chip fuse
ERB-SE1R00U PANASONIC-ERB-SE1R00U Datasheet
139Kb / 5P
   Micro Chip Fuse
ERBSE0R25U PANASONIC-ERBSE0R25U Datasheet
239Kb / 5P
   Micro Chip Fuse
ERB-SD3R00U PANASONIC-ERB-SD3R00U Datasheet
139Kb / 5P
   Micro Chip Fuse
logo
List of Unclassifed Man...
CCP2B15 ETC1-CCP2B15 Datasheet
204Kb / 2P
   MICRO FUSE
logo
Bel Fuse Inc.
MS250 BEL-MS250 Datasheet
385Kb / 2P
   Slow Blow Micro Fuse
MQ100 BEL-MQ100 Datasheet
89Kb / 2P
   Quick Acting Micro Fuse
MQ100 BEL-MQ100 Datasheet
1Mb / 4P
   QUICK ACTING MICRO FUSE
logo
List of Unclassifed Man...
MS1.5 ETC1-MS1.5 Datasheet
57Kb / 2P
   SLOW BLOW MICRO FUSE
logo
Bel Fuse Inc.
MQ100 BEL-MQ100 Datasheet
83Kb / 2P
   Quick Acting Micro Fuse
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com