Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-2-NIL-5V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # S-2-NIL-5V
Description  4 AMP POLARIZED HIGH DENSITY RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

S-2-NIL-5V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  S-2-NIL-5V Datasheet HTML 1Page - Panasonic Semiconductor S-2-NIL-5V Datasheet HTML 2Page - Panasonic Semiconductor S-2-NIL-5V Datasheet HTML 3Page - Panasonic Semiconductor S-2-NIL-5V Datasheet HTML 4Page - Panasonic Semiconductor S-2-NIL-5V Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S
220
1
Product name
Contact arrangement
Operating function
Coil voltage, V DC
S
2: 2 Form A 2 Form B
3: 3 Form A 1 Form B
4: 4 Form A
Nil: Single side stable
L: 1 coil latching
L2: 2 coil latching
3, 5, 6,12, 24, 48
S
2
L2
48
Ex.
Notes: 1) Standard packing; Carton 50 pcs. Case 500 pcs.
2) UL/CSA approved type is standard.
V
TYPES AND COIL DATA at 20°C 68°F
Single side stable
1 coil latching
2 coil latching
Note: Insert 2, 3 or 4 in
❑ for contact form required.
Type
Nominal
voltage,
V DC
Pick-up
voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Nominal
operating
current,
mA
Coil resistance,
(±10%)
Inductance,
mH
Nominal
operating
power,
mW
Maximum
allowable
voltage,
V DC (40
°C)
S
❑-3V
3
2.1
0.3
66.7
45
23
200
5.5
S
❑-5V
5
3.5
0.5
38.5
130
65
192
9.0
S
❑-6V
6
4.2
0.6
33.3
180
93
200
11.0
S
❑-12V
12
8.4
1.2
16.7
720
370
200
22.0
S
❑-24V
24
16.8
2.4
8.4
2,850
1,427
202
44.0
S
❑-48V
48
33.6
4.8
5.6
8,500
3,410
271
75.0
Type
Nominal
voltage,
V DC
Pick-up
voltage,
V DC (max.)
Drop-out
voltage
V DC (min.)
Nominal oper-
ating current,
mA
Coil resis-
tance,
(
±10%)
Inductance,
mH
Nominal
operating
power,
mW
Maximum
allowable
voltage,
V DC (40
°C)
S
❑-L1-3V
3
2.1
0.3
33
90
0.04
99
8.4
S
❑-L1-5V
5
3.5
0.5
16
300
0.14
80
15.3
S
❑-L1-6V
6
4.2
0.6
16
360
0.14
96
16.8
S
❑-L1-12V
12
8.4
1.2
8
1450
0.6
96
33.7
S
❑-L1-24V
24
16.8
2.4
4
5700
2.05
96
66.7
S
❑-L1-48V
48
33.6
4.8
3
16,000
8.9
144
111
Type
Nominal voltage,
V DC
Set and reset
voltage,
V DC (max.)
Nominal operating
current,
mA
Coil resistance,
(±10%)
Inductance,
mH
Nominal
operating
power,
mW
Maximum
allowable
voltage,
V DC (40
°C)
Coil I
Coil II
Coil I
Coil II
S
❑-L2-3V
3
2.1
66.7
45
45
10
10
200
5.5
S
❑-L2-5V
5
3.5
38.5
130
130
31
31
192
9.0
S
❑-L2-6V
6
4.2
33.7
180
180
40
40
200
11.0
S
❑-L2-12V
12
8.4
16.7
720
720
170
170
200
22.0
S
❑-L2-24V
24
16.8
8.4
2,850
2,850
680
680
202
44.0
S
❑-L2-48V
48
33.6
7.4
6,500
6,500
1,250
1,250
355
65.0
ORDERING INFORMATION
DIMENSIONS
General tolerance:
±0.3 ±.012
PC board pattern (Copper-side view)
Tolerance:
±0.1 ±.003
10
±0.5
.394
±0.02
12
.472
7.62
.300
123456
12
11
10
9
8
7
3
.118
1
.039
4
.157
0.4
.016
1.4
.055
1.0
.039
5.08
.200
0.5
.020
0.5
.020
7.62
.300
28
±0.5
1.102
±0.02
12
.472
2.54
.100
2.54
.100
12-1.3 DIA.
.047-.051 DIA.


Similar Part No. - S-2-NIL-5V

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S-2-1/2 COOPER-S-2-1/2 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element
logo
Eaton All Rights Reserv...
S-2-1/2 EATON-S-2-1/2 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
logo
Cooper Bussmann, Inc.
S-2-1/4 COOPER-S-2-1/4 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element
logo
Eaton All Rights Reserv...
S-2-1/4 EATON-S-2-1/4 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
logo
Cooper Bussmann, Inc.
S-2-8/10 COOPER-S-2-8/10 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element
More results

Similar Description - S-2-NIL-5V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
S2EB-12 NAIS-S2EB-12 Datasheet
85Kb / 4P
   4 AMP POLARIZED HIGH DENSITY RELAY WITH HIGH SENSITIVITY
TK1-1.5V NAIS-TK1-1.5V Datasheet
86Kb / 5P
   ULTRA LOW PROFILE 2 AMP. POLARIZED RELAY
logo
ZETTLER Electronics
AZ830-4C-5DEA ZETTLER-AZ830-4C-5DEA Datasheet
156Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ8304P AZETTLER-AZ8304P Datasheet
69Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
ZETTLER Electronics
AZ830-4C ZETTLER-AZ830-4C Datasheet
99Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com