Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-3-L-3V Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # S-3-L-3V
Description  4 AMP POLARIZED HIGH DENSITY RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

S-3-L-3V Datasheet(HTML) 4 Page - Panasonic Semiconductor

  S-3-L-3V Datasheet HTML 1Page - Panasonic Semiconductor S-3-L-3V Datasheet HTML 2Page - Panasonic Semiconductor S-3-L-3V Datasheet HTML 3Page - Panasonic Semiconductor S-3-L-3V Datasheet HTML 4Page - Panasonic Semiconductor S-3-L-3V Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
S
222
5.-(2) Operate time (2 coil latching type)
Tested Sample: S2-L2-12V
Min.
Min.
Max.
Max.
20
80
100
120
140
18
16
14
12
10
8
6
4
2
Coil applied voltage, %V
(with diode)
(without diode)
6. Influence of adjacent mounting
510
–30
0
+30
510
–30
0
+30
(1)
(2)
(3)
(1) & (3) relays
are energized
Single side stable
2 coil latching
Drop-out voltage
Pick-up voltage
Pick-up voltage
Inter-relay distance, mm
Inter-relay distance, mm
7. Thermal electromotive force
200
2
4
6
8
10
12
100
Minute
NR-H
NF relay S relay
8. Effect from an external magnetic field
0
0
50
100
–30
+30
50
100
–30
+30
G
G
Pick-up voltage
Pick-up voltage
Drop-out voltage
Single side stable
2 coil latching
φ
50
100
–30
–30
0
+30
50
100
0
+30
G
G
Pick-up voltage
Pick-up voltage
Drop-out voltage
Single side stable
2 coil latching
φ
Specifications
(Note: Don't insert or remove relays while in the energized condition.)
Breakdown voltage
1,500 Vrms between terminals
Insulation resistance
More than 100 M
between terminals at 500 V DC Mega
Heat resistance
150
±3°C (302 ±5.4°F) for 1 hour.
Maximum continuous current
4 A
Dimensions
PC board pattern (Copper-side view)
12.4
±0.6
.488
±.024
18.3
±0.6
.720
±.024
15.5
±0.6
.610
±.024
3.4
±0.3
.134
±.012
0.4
±0.1
.016
±.004
1.2
±0.3
.047
±.012
4.85
±0.3
.191
±.012
5.08
±0.3
.200
±.012
32.4
±0.6
1.276
±.024
1.5
±0.3
.059
±.012
1.5
±0.3
.059
±.012
7.62
±0.3
.300
±.012
Terminal width: 1.3 .051
Terminal thickness: 1.2 .047
7.6
.299
5.08
.200
5.08
.200
5.08
.200
5.08
.200
5.08
.200
12-1.6 DIA. HOLE
12-.063 DIA. HOLE
ACCESSORIES
S Relay Socket,
S-PS


Similar Part No. - S-3-L-3V

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S-3-1/2 COOPER-S-3-1/2 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element
logo
Eaton All Rights Reserv...
S-3-1/2 EATON-S-3-1/2 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
logo
Cooper Bussmann, Inc.
S-3-2/10 COOPER-S-3-2/10 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element
logo
Eaton All Rights Reserv...
S-3-2/10 EATON-S-3-2/10 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
logo
List of Unclassifed Man...
S-3-A-4-G ETC2-S-3-A-4-G Datasheet
136Kb / 1P
   S 3 PROBE AND RECEPTACLE
More results

Similar Description - S-3-L-3V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
S2EB-12 NAIS-S2EB-12 Datasheet
85Kb / 4P
   4 AMP POLARIZED HIGH DENSITY RELAY WITH HIGH SENSITIVITY
TK1-1.5V NAIS-TK1-1.5V Datasheet
86Kb / 5P
   ULTRA LOW PROFILE 2 AMP. POLARIZED RELAY
logo
ZETTLER Electronics
AZ830-4C-5DEA ZETTLER-AZ830-4C-5DEA Datasheet
156Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ8304P AZETTLER-AZ8304P Datasheet
69Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
ZETTLER Electronics
AZ830-4C ZETTLER-AZ830-4C Datasheet
99Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com