Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEEFK1E680AP Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEEFK1E680AP
Description  Aluminum Electrolytic Capacitors/Medium-size FK
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFK1E680AP Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEEFK1E680AP Datasheet HTML 1Page - Panasonic Semiconductor EEEFK1E680AP Datasheet HTML 2Page - Panasonic Semiconductor EEEFK1E680AP Datasheet HTML 3Page - Panasonic Semiconductor EEEFK1E680AP Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FK
22
Capacitance (
µF)
Rated Voltage Mark
Series identification
Mark for Lead-Free
Products Black Dot
(Square)
Lot number
Negative polarity
marking (–)
jFK
0.3 max.
A
±0.2
W
( )reference size
L
±0.3
+
Features
● Endurance: 2000 h at 105 °C
● Low impedance (40 % to 60 % less than FC series)
Miniaturized (30 % to 50 % less than FC series)
● Vibration-proof product is available upon request. (φ8 <)
● RoHS directive compliant
Surface Mount Type
Series:
FK Type: V
FK High temperature Lead-Free reflow(suffix:A✽)
Specifications
Category Temp. Range
–55 °C to +105 °C
Rated W.V.Range
6.3 V.DC to 35 V.DC
Nominal Cap.Range
4.7 µF to 1500 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV or 3 (µA) After 2 minutes (Whichever is greater)
tan
δ
Please see the attached High temperature lead-free reflow products list.
Characteristics
at Low Temperature
W.V. (V)
6.3
10
16
25
35
(Impedance ratio at 120 Hz)
Z(–25 °C)/Z(+20 °C)
22222
Z(–40 °C)/Z(+20 °C)
33333
Z(–55 °C)/Z(+20 °C)
44433
Endurance
After applying rated working voltage for 2000 hours at +105 °C±2 °C and then being stabilized at +20 °C,
Capacitors shall meet the following limits.
Capacitance change
±30 % of initial measured value
tan
δ
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Resistance to
Soldering Heat
After reflow soldering and then being stabilized at +20 °C, capacitor shall meet the following limits.
Capacitance change
±10 % of initial measured value
tan
δ
< initial specified value
DC leakage current
< initial specified value
Dimensions in mm (not to scale)
Marking
Example:6.3 V 22 µF
Marking color : BLACK
Rated Voltage Mark
(mm)
Size
code
DL
A,B
H max.
I
W
P
K
B4.0
5.8
4.3
5.5
1.8
0.65±0.1
1.0
0.35–0.20 to +0.15
C5.0
5.8
5.3
6.5
2.2
0.65±0.1
1.5
0.35–0.20 to +0.15
D6.3
5.8
6.6
7.82.6
0.65±0.1
1.8
0.35–0.20 to +0.15
D8
6.3
7.7
6.6
7.8
2.6
0.65±0.1
1.8
0.35–0.20 to +0.15
E8.0
6.2
8.3
9.5
3.4
0.65±0.1
2.2
0.35–0.20 to +0.15
F8.0 10.2
8.310.0
3.4
0.90±0.2
3.1
0.70±0.2
G10.0 10.2 10.3
12.0
3.5
0.90±0.2
4.6
0.70±0.2
j6.3 V
A10 V
C16 V
E25 V
V35 V
Jul. 2008


Similar Part No. - EEEFK1E680AP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFK1E680AP PANASONIC-EEEFK1E680AP Datasheet
137Kb / 2P
   Aluminum Electrolytic Capacitors
EEEFK1E680AP PANASONIC-EEEFK1E680AP Datasheet
254Kb / 4P
   Aluminum Electrolytic Capacitors/Medium-size FK
Jul. 2008
EEEFK1E680AP PANASONIC-EEEFK1E680AP Datasheet
70Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
EEEFK1E680AP PANASONIC-EEEFK1E680AP Datasheet
83Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
EEEFK1E680AP PANASONIC-EEEFK1E680AP Datasheet
70Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
More results

Similar Description - EEEFK1E680AP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-FK1V471AQ PANASONIC-EEE-FK1V471AQ Datasheet
62Kb / 2P
   Aluminum Electrolytic Capacitors/Medium-size FK
EEE-FK1H221P PANASONIC-EEE-FK1H221P Datasheet
260Kb / 5P
   Aluminum Electrolytic Capacitors/Medium-size FK
EEE-FK1H331AQ PANASONIC-EEE-FK1H331AQ Datasheet
62Kb / 2P
   Aluminum Electrolytic Capacitors/Medium-size FK
EEE-FK1C152AQ PANASONIC-EEE-FK1C152AQ Datasheet
62Kb / 2P
   Aluminum Electrolytic Capacitors/Medium-size FK
EEE-FK1E220R PANASONIC-EEE-FK1E220R Datasheet
260Kb / 5P
   Aluminum Electrolytic Capacitors/Medium-size FK
ABA0000CE88 PANASONIC-ABA0000CE88 Datasheet
254Kb / 4P
   Aluminum Electrolytic Capacitors/Medium-size FK
Jul. 2008
EEE-FK1J101P PANASONIC-EEE-FK1J101P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1J220P PANASONIC-EEE-FK1J220P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E101XP PANASONIC-EEE-FK1E101XP Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E331GP PANASONIC-EEE-FK1E331GP Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com