Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKL29VNIL Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # DKL29VNIL
Description  10 A MINIATURE POWER RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DKL29VNIL Datasheet(HTML) 3 Page - Panasonic Semiconductor

  DKL29VNIL Datasheet HTML 1Page - Panasonic Semiconductor DKL29VNIL Datasheet HTML 2Page - Panasonic Semiconductor DKL29VNIL Datasheet HTML 3Page - Panasonic Semiconductor DKL29VNIL Datasheet HTML 4Page - Panasonic Semiconductor DKL29VNIL Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DK
REFERENCE DATA
1. 1 Form A type
2. 1 Form A 1 Form B type, 2 Form A type1. 1 Form A type
1. Maximum operating power
2. Life curve
3. Operate/Release time
Sample: DK1a-24V, 5 pcs.
AC resistive load
DC resistive
load
DC inductive load
(L/R = 7 ms)
AC inductive load
(cos
ϕ= 0.4)
Contact voltage, V
10
100
1,000
0.1
1
10
100
012
345
67
89
10
10
100
1,000
1
Contact voltage, V
250 V AC resistive load
30 V DC resistive load
250 V AC inductive load (cos
ϕ= 0.4)
30 V DC inductive load (L/R = 7 ms)
80
90
10
110
120
130
140
0
1
2
3
4
5
6
7
8
9
Coil applied voltage,%V
Release time
(with diode)
Operate time
Release time
x
x
Max.
Min.
Max.
Max.
Min.
Min.
x
4. Coil temperature rise (at 30
°C 68°F)
Sample: DK1a-12V, 5 pcs.
5. Ambient temperature characteristics
Sample: DK1a-24V, 6 pcs
Ambient temperature: –40
°C to +80°C
–40
°F to +176°F
6. Operate/Release time (at 20
°C 68°F)
Sample: DK1a-24V (50 pcs.)
7 A
5 A
10 A
0 A
80
90
100 110 120 130
0
10
20
30
40
50
Coil applied voltage,%V
100
20
130
120
110
90
80
70
40
60
80
0
–20
–40
Ambient
temperature,
°C
Drop-out
voltage
Pick-up
voltage
0
10
20
30
Operate/release time, ms
12
3456
Operate time
Release time
7. Contact resistance (at 20
°C 68°F)
Sample: DK1a-24V (50 pcs.)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2
4
6
8
10
12
14
16
18
20
22
24
26
Contact resistance, m
1. Maximum operating power
2. Life curve
3. Operate/Release time (at 20
°C 68°F)
Sample: DK1a1b-12V, 5 pcs.
Contact voltage, V
AC resistive load
DC inductive load
(L/R = 7 ms)
DC resistive
load
AC inductive load
(cos
ϕ= 0.4)
0.1
1
5
10
10
100
1,000
012
345
67
89
10
10
100
1,000
1
Contact current, A
250 V AC resistive load
30 V DC resistive load
250 V AC inductive load (cos
ϕ= 0.4)
30 V DC inductive load (L/R = 7 ms)
80
90
10
110
120
130
140
0
1
2
3
4
5
6
7
8
9
Coil applied voltage,%V
Min.
Max.
x
Max.
Max.
Min.
Min.
Release time
(with diode)
Operate time
Release time
x
x
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - DKL29VNIL

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKLL-0231-0460 SCHURTER-DKLL-0231-0460 Datasheet
372Kb / 2P
   Compensated High Inductance Choke, 1-phase
DKLL-0231-0460 SCHURTER-DKLL-0231-0460 Datasheet
254Kb / 2P
   Compensated High Inductance Choke, 1-phase
DKLL-0231-0540 SCHURTER-DKLL-0231-0540 Datasheet
372Kb / 2P
   Compensated High Inductance Choke, 1-phase
DKLL-0231-0540 SCHURTER-DKLL-0231-0540 Datasheet
254Kb / 2P
   Compensated High Inductance Choke, 1-phase
DKLL-0231-0720 SCHURTER-DKLL-0231-0720 Datasheet
372Kb / 2P
   Compensated High Inductance Choke, 1-phase
More results

Similar Description - DKL29VNIL

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742_12 Datasheet
99Kb / 4P
   10 A DPDT MINIATURE POWER RELAY
AZ8P ZETTLER-AZ8P Datasheet
52Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
AZ8P ZETTLER-AZ8P_14 Datasheet
54Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
AZ9405 ZETTLER-AZ9405 Datasheet
509Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ692 AZETTLER-AZ692 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940 Datasheet
49Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ9402 AZETTLER-AZ9402 Datasheet
118Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ697 ETC1-AZ697 Datasheet
53Kb / 2P
   10 AMP MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com