Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-6730 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-6730
Description  Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-6730 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-6730 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-6730 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-6730 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-6730 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-6730 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-6730 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-6730 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-6730 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-6730 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Typical Characteristics, TA = 25°C, VCC = 5 V
Parameter
Sym.
Typ.
Units
Test Conditions
Note
Input Capacitance
CIN
60
pF
VF =0 V, f = 1 MHz
4
Input Diode Temperature
Coefficient
VF/TA
-1.8
mV/°C
IF = 1.6 mA
4
Resistance (Input-Output)
RI-O
1012

VI-O = 500 V
4, 8
Capacitance (Input-Output)
CI-O
2.0
pF
f = 1 MHz
4, 8
Dual and Quad Channel Product Only
Input-Input Leakage Current
II-I
0.5
nA
Relative Humidity = ≤65%,
VI-I = 500 V, t = 5 s
9
Resistance (Input-Input)
RI-I
1012

VI-I = 500 V
9
Capacitance (Input-Input)
CI-I
1.0
pF
f = 1 MHz
9
Electrical Characteristics (cont), TA = -55°C to +125°C, unless otherwise specified
Parameter
Symbol
Test Conditions
Group A[13]
Subgroup
Limits
Units
Fig.
Note
Min.
Typ.**
Max.
Propagation Delay
Time to Logic Low
at Output
tPHL*
IF = 0.5 mA, RL = 4.7 k
,
VCC =5 V
9, 10, 11
30
100
s
5, 6,
7, 8
4
tPHL
IF = 1.6 mA, RL = 1.5 k
,
VCC =5 V
9, 10, 11
5
30
4, 16
tPHL*
IF =5 mA, RL = 680
,
VCC =5 V
9
2
5
4, 17
10, 11
10
9, 10, 11
10
4, 16
Propagation Delay
Time to Logic High
at Output
tPLH*
IF = 0.5 mA, RL = 4.7 k
,
VCC =5 V
9, 10, 11
17
60
s
5, 6,
7, 8
4
tPLH
IF = 1.6 mA, RL = 1.5 k
,
VCC =5 V
9, 10, 11
14
50
4, 16
tPLH*
IF =5 mA, RL = 680
,
VCC =5 V
9
8
20
4, 17
10, 11
30
9, 10, 11
30
4, 16
Common Mode
Transient
Immunity at Low
Output Level
|CML|
VCC =5 V, IF = 1.6 mA
RL =1.5 k
|VCM|= 25 VP-P[17]
|VCM|= 50 VP-P[16]
9, 10, 11
500
1000
V/
s
9
4, 10
11, 14
Common Mode
Transient
Immunity at High
Output Level
|CMH|
VCC =5 V, IF =0 mA
RL =1.5 k
|VCM|= 25 VP-P[17]
|VCM|= 50 VP-P[16]
9, 10, 11
500
1000
V/
s
9
4, 10
11, 14
*
For JEDEC registered parts.
** All typical values are at VCC = 5 V, TA = 25°C.


Similar Part No. - HCPL-6730

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-6730 HP-HCPL-6730 Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
More results

Similar Description - HCPL-6730

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com