Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-AH62-UX0DD Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-AH62-UX0DD
Description  5mm Mini Oval and Standard Oval AlInGaP LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AH62-UX0DD Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-AH62-UX0DD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-AH62-UX0DD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AH62-UX0DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AH62-UX0DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AH62-UX0DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AH62-UX0DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AH62-UX0DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AH62-UX0DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AH62-UX0DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Device Selection Guide
5mm Mini Oval 30°x70°
Part Number
Color and Dominant
Wavelength
λd (nm)
Typ.
Luminous Intensity
Iv (mcd) at 20 mA
Min.
Luminous Intensity
Iv (mcd) at 20 mA
Max.
Stand-Off
Package
Drawing
HLMP-AL62-UX0DD
Amber 590
960
1990
No
A
HLMP-AL62-X10DD
Amber 590
1660
3500
No
A
HLMP-AH62-UX0DD
Red-Orange 615
960
1990
No
A
HLMP-AH62-X10DD
Red-Orange 615
1660
3500
No
A
HLMP-AG62-UX0DD
Red 626
960
1990
No
A
HLMP-AG62-X10DD
Red 626
1660
3500
No
A
HLMP-AL63-UX0DD
Amber 590
960
1990
Yes
B
HLMP-AL63-X10DD
Amber 590
1660
3500
Yes
B
HLMP-AH63-UX0DD
Red-Orange 615
960
1990
Yes
B
HLMP-AH63-X10DD
Red-Orange 615
1660
3500
Yes
B
HLMP-AG63-UX0DD
Red 626
960
1990
Yes
B
HLMP-AG63-X10DD
Red 626
1660
3500
Yes
B
5mm Standard Oval 40°x100°
Part Number
Color and Dominant
Wavelength
λd (nm)
Typ
Luminous Intensity
Iv (mcd) at 20 mA
Min.
Luminous Intensity
Iv (mcd) at 20 mA
Max.
Stand-Off
Package
Drawing
HLMP-HL62-TX0DD
Amber 590
800
1990
No
C
HLMP-HH62-TX0DD
Red-Orange 615
800
1990
No
C
HLMP-HG62-TX0DD
Red 626
800
1990
No
C
HLMP-HL63-TX0DD
Amber 590
800
1990
Yes
D
HLMP-HH63-TX0DD
Red-Orange 615
800
1990
Yes
D
HLMP-HG63-TX0DD
Red 626
800
1990
Yes
D
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package.
2. Tolerance for each intensity limit is ± 15%.
3. Please refer to AN 5352 for detail information on features of stand-off and non stand-off LEDs.


Similar Part No. - HLMP-AH62-UX0DD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AH62 AVAGO-HLMP-AH62 Datasheet
211Kb / 11P
   Viewing Angle: 30째x70째 and 40째x100째
More results

Similar Description - HLMP-AH62-UX0DD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HM70 AVAGO-HLMP-HM70 Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HG70 AVAGO-HLMP-HG70 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com