Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-7721-560E Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7721-560E
Description  40 ns Propagation Delay, CMOS Optocoupler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7721-560E Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7721-560E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-560E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-560E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-560E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-560E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-560E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-560E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-560E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-560E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
Figure 4. Typical pulse width distortion vs.
temperature
Figure 5. Typical rise time vs. temperature
Figure 6. Typical fall time vs. temperature
Figure 7. Typical propagation delays vs. output
load capacitance
Figure 8. Typical pulse width distortion vs.
output load capacitance
Figure 9. Thermal derating curve, dependence of safety limiting value with case temperature per
IEC/EN/DIN EN 60747-5-5.
0
0
TA (C)
80
3
60
20
4
1
40
2
0
8
TA (C)
80
10
60
20
11
9
40
0
2
TA (C)
80
6
60
20
7
3
40
5
4
15
15
CI (pF)
50
27
40
29
17
30
23
21
25
20
35
45
19
25
TPLH
TPHL
15
0
CI (pF)
50
5
40
6
1
30
3
25
20
35
45
2
4
0
0
TA – CASE TEMPERATURE – °C
200
50
400
125
25
75 100
150
600
800
200
100
300
500
700
175
(230)
PS (mW)
IS (mA)
STANDARD 8 PIN DIP PRODUCT
0
0
TA – CASE TEMPERATURE – °C
200
50
400
125
25
75 100
150
600
800
200
100
300
500
700
175
(150)
PS (mW)
IS (mA)
SURFACE MOUNT SO8 PRODUCT


Similar Part No. - HCPL-7721-560E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
More results

Similar Description - HCPL-7721-560E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
HCPL-7710 AVAGO-HCPL-7710 Datasheet
332Kb / 17P
   40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com