Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECHU1H683MB9 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECHU1H683MB9
Description  Film Chip Capacitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECHU1H683MB9 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECHU1H683MB9 Datasheet HTML 1Page - Panasonic Semiconductor ECHU1H683MB9 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Film Chip Capacitor
Type:
ECHU (B)
Stacked metallized PPS film as dielectric with simple
mold-less construction
■Features
Small in size (minimum size 2.01.25mm)
85˚C, 85%RH, W.V. 1.0 for 500 hours
Applicable for both flow and reflow soldering
■Recommended Applications
Time-constant
Filtering
Oscillation and resonance
■Explanation of Part Numbers
123456789
10
11
12
E
C
H
U
Product code
Dielectric &
construction
Rated voltage
Capacitance
B
Cap. Tol. Suffix
Suffix
1C
16VDC
1H
50VDC
G
±2%
J
±5%
58mm
9
12mm
Tape width
■Specifications
Category temp. range
Rated voltage
Capacitance range
Capacitance tolerance
Withstand voltage
Dissipation factor
Insulation resistance
–55 to +125˚C
16VDC, 50VDC
0.0001 to 0.1 µF (E12)
±2%(G), ±5%(J)
Between terminals : Rated volt. (VDC)175% 1 to 5s
<
=0.6% (20˚C, 1kHz)
16VDC : >
=3000M
Ω (20˚C, 10VDC 60s)
50VDC : >
=3000M
Ω (20˚C, 50VDC 60s)
Soldering conditions
Flow soldering : 260˚C max. 5sec max.
Reflow soldering : 260˚C max. and 30sec max. at more than 230˚C
(Temp. at cap. surface)
■Construction
Element
(stacked)
Outer electrode
■Dimensions in mm (not to scale)
L
±0.2
(
±0.3)
W
±0.2
0.35
±0.20
0.35
±0.20
To be applied
only for size
code E1 & E2
Size code
J1
2.0
1.25
0.8
J2
2.0
1.25
1.0
H1
3.2
1.6
0.8
H2
3.2
1.6
1.0
H3
3.2
1.6
1.4
G1
3.2
2.5
1.0
G2
3.2
2.5
1.4
G3
3.2
2.5
2.0
E1
4.8
3.3
1.4
E2
4.8
3.3
2.0
LW
H


Similar Part No. - ECHU1H683MB9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECHU1H683MB9 PANASONIC-ECHU1H683MB9 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECHU1H683MB9 PANASONIC-ECHU1H683MB9 Datasheet
63Kb / 2P
   Stacked matallized PPS film as dielectric with simple mold less construction
More results

Similar Description - ECHU1H683MB9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H221JB5 PANASONIC-ECH-U1H221JB5 Datasheet
69Kb / 2P
   Film Chip Capacitor
ECH-U1H104JC9 PANASONIC-ECH-U1H104JC9 Datasheet
123Kb / 2P
   FILM CHIP CAPACITOR
ECW-U1H683JB9 PANASONIC-ECW-U1H683JB9 Datasheet
55Kb / 2P
   Film Chip Capacitor
logo
List of Unclassifed Man...
ECH-U1H104GC9 ETC1-ECH-U1H104GC9 Datasheet
123Kb / 2P
   FILM CHIP CAPACITOR
logo
Panasonic Semiconductor
ECH-U1H184GC9 PANASONIC-ECH-U1H184GC9 Datasheet
123Kb / 2P
   FILM CHIP CAPACITOR
ECH-U1C123JB5 PANASONIC-ECH-U1C123JB5 Datasheet
69Kb / 2P
   Film Chip Capacitor
ECH-U1H104GB9 PANASONIC-ECH-U1H104GB9 Datasheet
69Kb / 2P
   Film Chip Capacitor
ECH-U1H103GB5 PANASONIC-ECH-U1H103GB5 Datasheet
69Kb / 2P
   Film Chip Capacitor
ECW-U1H473JB5 PANASONIC-ECW-U1H473JB5 Datasheet
55Kb / 2P
   Film Chip Capacitor
ECH-U1H124JC9 PANASONIC-ECH-U1H124JC9 Datasheet
123Kb / 2P
   FILM CHIP CAPACITOR ECHU(X)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com