Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEP16024 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AEP16024
Description  HIGH VOLTAGE AND CURRENT CUT-OFF CAPACITY IN A COMPACT PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AEP16024 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AEP16024 Datasheet HTML 1Page - Panasonic Semiconductor AEP16024 Datasheet HTML 2Page - Panasonic Semiconductor AEP16024 Datasheet HTML 3Page - Panasonic Semiconductor AEP16024 Datasheet HTML 4Page - Panasonic Semiconductor AEP16024 Datasheet HTML 5Page - Panasonic Semiconductor AEP16024 Datasheet HTML 6Page - Panasonic Semiconductor AEP16024 Datasheet HTML 7Page - Panasonic Semiconductor AEP16024 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EP
TYPES AND COIL DATA (at 20
°C 68°F)
Note: *Same coil data as Indicator type.
When using a DC power supply use one that has a leeway of at least 150% current capacity.
Part No.
Coil voltage,
V DC
Pick-up voltage,
V DC (max.)
(at 20
°C)
Drop-out voltage,
V DC (min.)
(at 20
°C)
Nominal coil current,
mA (
±10%)
(at 20
°C)
Operating power,
W (12 V DC, at 20
°C)
Max. allowable
voltage,
V DC
AEP25012*
12 V DC
9 V DC
1 V DC
2.8 A (at peak)*
35W (Inrush, approx. 0.1S)
5W (Stable)
16 V DC
AEP15012*
AEP16012
0.415 A
Max. 5W
AEP25024*
24 V DC
18 V DC
2 V DC
1.9 A (at peak)*
35W (Inrush, approx. 0.1S)
Max. 5W (1 Form A)
Max. 6W (2 Form A)
32 V DC
AEP15024*
2.2 A (at peak)*
AEP16024
0.208 A
Max. 5W
AEP31012
12 V DC
9 V DC
0.75 V DC
0.103 A (at peak)*
Approx.1.4W
14 V DC
AEP31024
24 V DC
18 V DC
1.50 V DC
0.052 A (at peak)*
28 V DC
AEP31048
48 V DC
36 V DC
3.98 V DC
0.026 A (at peak)*
56 V DC
AEP310X0
100 V DC
75 V DC
8.3 V DC
0.012 A (at peak)*
116 V DC
AEP51012
12 V DC
9 V DC
0.75 V DC
0.103 A (at peak)*
Approx.1.4W
14 V DC
AEP51024
24 V DC
18 V DC
1.50 V DC
0.052 A (at peak)*
28 V DC
AEP51048
48 V DC
36 V DC
3.98 V DC
0.026 A (at peak)*
56 V DC
AEP510X0
100 V DC
75 V DC
8.3 V DC
0.012 A (at peak)*
116 V DC
Packing quantity
SPARE PARTS
Types
Inner
Outer
150A 2 Form A
1pc.
5pcs.
150A 1 Form A
1pc.
10pcs.
60A 1 Form A
1pc.
20pcs.
10A 1 Form A
25pcs.
100pcs.
Installing parts
Part No.
Packing Quantity
M8 nut with washer for 150A type
AEV801
2pcs.
M5 screw for 60A type
AEV802
2pcs.
M4 screw for 30A type
AEV803
2pcs.
Bus bar for 60A type
AEV804
1pc.
SPECIFICATIONS
Contact
Notes:
Same specifications as the 12 V type.
#1 Condition: Nominal switching 100cycles, each cut off 2,500A
#2 Conditions: Varistor used for coil surge absorption. Note: if a diode is used the life will be lower.
Type
150A type
60A type
10A type
Arrangement
1 Form A, 2 Form A
1 Form A
1 Form A
Rating
Nominal switching capacity
(resistive load)
150A 400V DC
150A 277V AC
60A 400V DC
60A 277V AC
10A 400V DC
Short term current
300A (10min)
(harness wire: 40mm2)
120A (15min)
(harness wire: 15mm2)
15A (2min), 30A (30s)
Max. cut-off current
2,500A 300V DC
(3 cycles)#1
600A 300V DC
(5 cycles)
Overload opening/closing rating
600A 300V DC
(Min. 25 cycles)
180A 400V DC
(Min. 100 cycles)#2
30A 400V DC
(Min. 50 cycles)
Reverse cut-off current
–300A 200V DC
(Min. 25 cycles)
–60A 200V DC
(Min. 1,000 cycles)#2
–10A 200V DC
(Min. 2.5
×103 cycles)
Contact voltage drop (Max.)
0.1V
(When current
[is 150A per 1] contact set)
0.1V
(When current
[is 60A per 1] contact set)
0.5V
(When current
[is 10A per 1] contact set)
Nominal operating power
35W
(Inrush, approx 0.1s)
5W
( Stable )
Max. 5W
Expected life
(min. operations)
Mechanical
1 Form A: 105 2 Form A: 5
× 104
2
× 105
105
Electrical
3
× 103 150A 400V DC
(L/R & 1ms)
3
× 103 60A 400V DC
(L/R & 1ms#2)
7.5
× 104 10A 400V DC
(L/R & 1ms#2)
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - AEP16024

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP162DI ALLIED-AEP162DI Datasheet
367Kb / 1P
   ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
More results

Similar Description - AEP16024

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
L8550HQLT1G LEIDITECH-L8550HQLT1G Datasheet
469Kb / 3P
   High current capacity in compact package.
S8550 LEIDITECH-S8550 Datasheet
469Kb / 3P
   High current capacity in compact package
SS8550T1 LEIDITECH-SS8550T1 Datasheet
469Kb / 3P
   High current capacity in compact package
logo
Panasonic Semiconductor
AEV110122 PANASONIC-AEV110122 Datasheet
203Kb / 9P
   Capsule contact Mechanism and High-capacity Cut-off Compact Relay
logo
Omron Electronics LLC
G8P-1A2T-F-DC5 OMRON-G8P-1A2T-F-DC5 Datasheet
1Mb / 8P
   Up to 30 A switching capacity in compact package.
logo
LETEX TECHNOLOGY CORP.
LT11004V LETEX-LT11004V Datasheet
505Kb / 4P
   High capacity in a slim SIL package
logo
Panasonic Semiconductor
AQV252G3S PANASONIC-AQV252G3S Datasheet
168Kb / 5P
   High capacity in a miniature SOP package
AGQ2001H PANASONIC-AGQ2001H Datasheet
125Kb / 5P
   High capacity 2 Amp, Flat and Compact package Telephone switchboard
logo
Leshan Radio Company
L2SD1781KQLT1G LRC-L2SD1781KQLT1G_11 Datasheet
115Kb / 4P
   Medium Power Transistor (32V, 0.8A) High current capacity in compact
logo
ABLE Power Products
OVCD-277-DR ABLEPOWERPRODUCTS-OVCD-277-DR Datasheet
285Kb / 1P
   Over Voltage & Under Voltage Cut-Off
1/13/2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com