Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7215-18UHFEJP Datasheet(PDF) 5 Page - Orister Corporation

Part # RS7215-18UHFEJP
Description  1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7215-18UHFEJP Datasheet(HTML) 5 Page - Orister Corporation

  RS7215-18UHFEJP Datasheet HTML 1Page - Orister Corporation RS7215-18UHFEJP Datasheet HTML 2Page - Orister Corporation RS7215-18UHFEJP Datasheet HTML 3Page - Orister Corporation RS7215-18UHFEJP Datasheet HTML 4Page - Orister Corporation RS7215-18UHFEJP Datasheet HTML 5Page - Orister Corporation RS7215-18UHFEJP Datasheet HTML 6Page - Orister Corporation RS7215-18UHFEJP Datasheet HTML 7Page - Orister Corporation RS7215-18UHFEJP Datasheet HTML 8Page - Orister Corporation RS7215-18UHFEJP Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Page No. : 5/10
DS‐RS7215‐02    September, 2009 
www.Orister.com
Detail Description 
The  RS7215  is  a  low‐dropout  linear  regulator.  The  device  provides  preset  1.8V,  2.5V  and  3.3V  output  voltages  for  output 
current  up  to  1.0A.  Adjustable  output  voltage  and  other  mask  options  for  special  output  voltages  are  also  available.  As 
illustrated  in  function  block  diagram,  it  consists  of  a  1.175V  bandgap  (Fixed  voltage  type  is  0.95V)  reference,  an  error 
amplifier, a P‐channel pass transistor and an internal feedback voltage divider. 
 
The bandgap reference for fixed voltage types is connected to the error amplifier, which compares this reference with the 
feedback voltage and amplifies the voltage difference. If the feedback voltage is lower than the reference voltage, the pass‐
transistor gate is pulled lower, which allows more current to pass to the output pin and increases the output voltage. If the 
feedback voltage is too high, the pass transistor gate is pulled up to decrease the output voltage. 
 
The  output  voltage  is  feed  back  through  an  internal  resistive  divider  (or  external  resistive  divider  for  adjustable  output 
voltage type) connected to VOUT pin. Additional blocks include an output current limiter, thermal sensor, and shutdown logic. 
 
Internal P‐channel Pass Transistor 
The  RS7215  features  a  P‐channel  MOSFET  pass  transistor.  Unlike  similar  designs  using  PNP  pass  transistors,  P‐channel 
MOSFETs require no base drive, which reduces quiescent current. PNP‐based regulators also waste considerable current in 
dropout when the pass transistor saturates, and use high base‐drive currents under large loads. The RS7215 does not suffer 
from  these  problems  and  consumes  only  60μA  (Typ.)  of  current  consumption  under  heavy  loads  as  well  as  in  dropout 
conditions. 
 
Enable Function 
EN pin starts and stops the regulator. When the EN pin is switched to the power off level, the operation of all internal circuit 
stops,  the  build‐in  P‐channel  MOSFET  output  transistor  between  pins  VIN  and  VOUT  is  switched  off,  allowing  current 
consumption to be drastically reduced. The VOUT pin enters the GND level through the internal discharge path between VOUT 
and GND pins. 
 
Fast Discharge Function 
The  RS7215  fixed  type  has  fast  discharge  Function  on  EN  pin  disable.  When  user  turns  off  the  device,  its  internal  pull‐low 
resistor will discharge output capacitor charge. It’ll avoid other device to arise wrong motions. 
 
Output Voltage Selection 
For fixed voltage type of RS7215, the output voltage is preset at an internally trimmed voltage. The first two digits of part 
number suffix identify the output voltage (see Ordering Information). For example, the RS7215‐33 has a preset 3.3V output 
voltage. 
 
For adjustable voltage type of RS7215, the output voltage is set by comparing the feedback voltage at adjust terminal to the 
internal bandgap reference voltage. The reference voltage VREF is 1.175V. The output voltage is given by the equation: 
 
⎛ +
×
=
2
R
1
R
1
V
V
REF
OUT
 
 
Current Limit 
The RS7215 also includes a fold back current limiter. It monitors and controls the pass transistor’s gate voltage, estimates the 
output current, and limits the output current within 1.3A. 
 
Thermal Overload Protection 
Thermal overload protection limits total power dissipation in the RS7215. When the junction temperature exceeds TJ=+150°C, 
a thermal sensor turns off the pass transistor, allowing the IC to cool down. The thermal sensor turns the pass transistor on 
again after the junction temperature cools down by 20°C, resulting in a pulsed output during continuous thermal overload 
conditions. 
 
Thermal overload protection is designed to protect the RS7215 in the event of fault conditions. For continuous operation, the 
absolute maximum operating junction temperature rating of TJ=+125°C should not be exceeded. 
 
 
 


Similar Part No. - RS7215-18UHFEJP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEG ORISTER-RS7212-15NEG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEP ORISTER-RS7212-15NEP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFG ORISTER-RS7212-15VFG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFP ORISTER-RS7212-15VFP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
More results

Similar Description - RS7215-18UHFEJP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7225 ORISTER-RS7225 Datasheet
394Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft-Start
RS7302 ORISTER-RS7302 Datasheet
696Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
logo
E-CMOS Corporation
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Fortune Semiconductor C...
FS1084 FORTUNE-FS1084 Datasheet
409Kb / 9P
   5.0A Adjustable & Fixed Voltage LDO Linear Regulator
FS8860 FORTUNE-FS8860 Datasheet
834Kb / 15P
   1.0A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Orister Corporation
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com