Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECET1KP223EA Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECET1KP223EA
Description  Large Can Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECET1KP223EA Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECET1KP223EA Datasheet HTML 1Page - Panasonic Semiconductor ECET1KP223EA Datasheet HTML 2Page - Panasonic Semiconductor ECET1KP223EA Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
T-UP Standard Ratings (continued)
Cap.
Panasonic
(µF)
120 Hz
10kHz~
120Hz
20kHz
Part Number
560
35 x 63
2.90
4.06
0.355
0.195
ECET2WP561EA
680
35 x 80
3.17
4.44
0.293
0.161
ECET2WP681EA
40 x 50
3.15
4.41
0.293
0.161
ECET2WP681FA
820
35 x 80
3.78
5.29
0.243
0.133
ECET2WP821EA
40 x 63
3.70
5.18
0.243
0.133
ECET2WP821FA
50 x 50
4.31
6.03
0.263
0.145
ECEP2WP821HA
1000
40 x 80
4.21
5.89
0.216
0.119
ECET2WP102FA
50 x 63
4.96
6.94
0.216
0.119
ECEP2WP102HA
1200
35 x 105
4.80
6.72
0.166
0.091
ECET2WP122EA
40 x 80
4.84
6.78
0.166
0.091
ECET2WP122FA
50 x 63
5.43
7.60
0.180
0.099
ECEP2WP122HX
50 x 80
5.71
7.99
0.180
0.099
ECEP2WP122HA
1500
40 x 105
5.81
8.13
0.133
0.073
ECET2WP152FA
50 x 80
6.15
8.61
0.144
0.079
ECEP2WP152HX
50 x 92
6.55
9.17
0.144
0.079
ECEP2WP152HA
1800
50 x 92
7.02
9.83
0.120
0.066
ECEP2WP182HX
50 x 105
7.36
10.30
0.120
0.066
ECEP2WP182HA
270
35 x 40
1.76
2.46
0.614
0.276
ECET2HP271EA
330
40 x 40
2.16
3.02
0.502
0.276
ECET2HP331FA
390
35 x 50
2.22
3.11
0.425
0.234
ECET2HP391EA
470
35 x 63
2.58
3.61
0.353
0.194
ECET2HP471EA
40 x 50
2.70
3.78
0.353
0.194
ECET2HP471FA
560
40 x 63
3.11
4.35
0.326
0.179
ECET2HP561FA
50 x 50
3.52
4.93
0.355
0.195
ECEP2HP561HA
680
35 x 80
3.21
4.49
0.244
0.134
ECET2HP681EA
50 x 50
3.88
5.43
0.293
0.161
ECEP2HP681HX
50 x 63
4.07
5.70
0.293
0.161
ECEP2HP681HA
820
35 x 105
3.97
5.56
0.202
0.111
ECET2HP821EA
40 x 80
3.88
5.43
0.222
0.122
ECET2HP821FA
50 x 63
4.47
6.26
0.222
0.122
ECEP2HP821HA
1000
50 x 80
5.05
7.07
0.199
0.109
ECEP2HP102HA
1200
40 x 105
5.90
8.26
0.152
0.084
ECET2HP122FA
50 x 80
5.35
7.49
0.166
0.091
ECEP2HP122HX
50 x 92
5.74
8.04
0.166
0.091
ECEP2HP122HA
1500
50 x 105
6.65
9.31
0.144
0.079
ECEP2HP152HA
D x L
Max. 20°C E.S.R. (
Ω)
500 VDC Working, 550 VDC Surge
Max. 85°C R.C. (Arms)
400 VDC Working, 450 VDC Surge (continued)
Size (mm)
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors


Similar Part No. - ECET1KP223EA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECET1KA103EA PANASONIC-ECET1KA103EA Datasheet
412Kb / 2P
   Long Life - endurance rating of 3000 hours at 105째C Can vent construction
ECET1KA103EA PANASONIC-ECET1KA103EA Datasheet
412Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
ECET1KA103EA PANASONIC-ECET1KA103EA Datasheet
240Kb / 5P
   Aluminum Electrolytic Capacitors
ECET1KA103EA PANASONIC-ECET1KA103EA Datasheet
240Kb / 5P
   Aluminum Electrolytic Capacitors
ECET1KA103EA PANASONIC-ECET1KA103EA Datasheet
412Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - ECET1KP223EA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com