Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7225-33NLFSCP Datasheet(PDF) 1 Page - Orister Corporation

Part # RS7225-33NLFSCP
Description  1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft-Start
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7225-33NLFSCP Datasheet(HTML) 1 Page - Orister Corporation

  RS7225-33NLFSCP Datasheet HTML 1Page - Orister Corporation RS7225-33NLFSCP Datasheet HTML 2Page - Orister Corporation RS7225-33NLFSCP Datasheet HTML 3Page - Orister Corporation RS7225-33NLFSCP Datasheet HTML 4Page - Orister Corporation RS7225-33NLFSCP Datasheet HTML 5Page - Orister Corporation RS7225-33NLFSCP Datasheet HTML 6Page - Orister Corporation RS7225-33NLFSCP Datasheet HTML 7Page - Orister Corporation RS7225-33NLFSCP Datasheet HTML 8Page - Orister Corporation RS7225-33NLFSCP Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page No. : 1/10
DS-RS7225-02
September, 2009
www.Orister.com
RS7225
1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft-Start
General Description
The RS7225 series is a low-dropout linear regulator with ON/OFF control that operates in the input voltage range from +2.4V
to +7.0V and delivers 1.0A output current.
The RS7225 is available fixed output voltage type is preset at an internally trimmed voltage 1.8V, 2.5V, or 3.3V. Other options
1.0V, 1.2V, 1.5V, 2.85V, 3.0V and 3.6V are available by special order only.
The RS7225 series consists of a 0.95V bandgap reference, an error amplifier, and a P-channel pass transistor. Other features
include soft-start function, short-circuit protection and thermal shutdown protection. The RS7225 series devices are available
in SOT-223-5, & TO-252-5 packages.
Features
Applications
Operating Voltage Range:+2.4V to +7.0V
Output Voltages:+1.0V to +5.0V (0.1V Step) (Fixed),
+1.25V to +5.0V (ADJ Type)
Dropout Voltage:700mV@600mA (Fixed)
Fast Response in Power-on:35uS
Low Current Consumption:60μA (Typ.)
Low ESR Capacitor Compatible
High Ripple Rejection:55dB (Typ.)
Short Circuit Protection:600mA (Typ.)
Thermal Overload Shutdown Protection
SOT-223-5 & TO-252-5 packages
RoHS Compliant and 100% Lead (Pb)-Free and Green
(Halogen Free with Commercial Standard)
Battery-Powered Equipments
Graphic Card, Peripheral Card
PCMCIA & New Card
Mini PCI & PCI-Express Cards
Digital Still Camera
CDMA/GSM Cellular Handsets
Laptop, Palmtops, Notebook Computers
Portable Information Application
Application Circuits
Soft-Start Function
This integrated circuit can be damaged by ESD. Orister Corporation recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.


Similar Part No. - RS7225-33NLFSCP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
RS720 SIEMENS-RS720 Datasheet
820Kb / 8P
   Automatic fire detectors
06.2009
logo
Orister Corporation
RS7200 ORISTER-RS7200 Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-20NEG ORISTER-RS7200-20NEG Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-20NEP ORISTER-RS7200-20NEP Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-285NEG ORISTER-RS7200-285NEG Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
More results

Similar Description - RS7225-33NLFSCP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7215 ORISTER-RS7215 Datasheet
590Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
RS7302 ORISTER-RS7302 Datasheet
696Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
National Semiconductor ...
LP38852 NSC-LP38852 Datasheet
439Kb / 18P
   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38853 TI1-LP38853_14 Datasheet
1Mb / 27P
[Old version datasheet]   3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38852S-ADJ TI-LP38852S-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38853 TI-LP38853 Datasheet
1Mb / 28P
[Old version datasheet]   LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38853 TI-LP38853_15 Datasheet
1Mb / 28P
[Old version datasheet]   LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
National Semiconductor ...
LP38851 NSC-LP38851 Datasheet
441Kb / 18P
   800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38851S-ADJ TI1-LP38851S-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   LP38851 800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com