Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3PE3000-2FGG484I Datasheet(PDF) 9 Page - Microsemi Corporation

Part # A3PE3000-2FGG484I
Description  ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
Download  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3PE3000-2FGG484I Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button A3PE3000-2FGG484I Datasheet HTML 5Page - Microsemi Corporation A3PE3000-2FGG484I Datasheet HTML 6Page - Microsemi Corporation A3PE3000-2FGG484I Datasheet HTML 7Page - Microsemi Corporation A3PE3000-2FGG484I Datasheet HTML 8Page - Microsemi Corporation A3PE3000-2FGG484I Datasheet HTML 9Page - Microsemi Corporation A3PE3000-2FGG484I Datasheet HTML 10Page - Microsemi Corporation A3PE3000-2FGG484I Datasheet HTML 11Page - Microsemi Corporation A3PE3000-2FGG484I Datasheet HTML 12Page - Microsemi Corporation A3PE3000-2FGG484I Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 162 page
background image
ProASIC3E Flash Family FPGAs
Revision 13
1-3
Advanced Architecture
The proprietary ProASIC3E architecture provides granularity comparable to standard-cell ASICs. The
ProASIC3E device consists of five distinct and programmable architectural features (Figure 1-1 on
page 3):
FPGA VersaTiles
Dedicated FlashROM
Dedicated SRAM/FIFO memory
Extensive CCCs and PLLs
Pro I/O structure
The FPGA core consists of a sea of VersaTiles. Each VersaTile can be configured as a three-input logic
function, a D-flip-flop (with or without enable), or a latch by programming the appropriate flash switch
interconnections. The versatility of the ProASIC3E core tile as either a three-input lookup table (LUT)
equivalent or as a D-flip-flop/latch with enable allows for efficient use of the FPGA fabric. The VersaTile
capability is unique to the ProASIC family of third-generation architecture Flash FPGAs. VersaTiles are
connected with any of the four levels of routing hierarchy. Flash switches are distributed throughout the
device to provide nonvolatile, reconfigurable interconnect programming. Maximum core utilization is
possible for virtually any design.
Figure 1-1 • ProASIC3E Device Architecture Overview
4,608-Bit Dual-Port SRAM
or FIFO Block
VersaTile
RAM Block
CCC
Pro I/Os
ISP AES Decryption
User Nonvolatile
FlashROM
Charge Pumps
4,608-Bit Dual-Port SRAM
or FIFO Block
RAM Block


Similar Part No. - A3PE3000-2FGG484I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE3000-2FGG100 MICROSEMI-A3PE3000-2FGG100 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-2FGG100ES MICROSEMI-A3PE3000-2FGG100ES Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-2FGG100I MICROSEMI-A3PE3000-2FGG100I Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-2FGG100PP MICROSEMI-A3PE3000-2FGG100PP Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-2FGG100Y MICROSEMI-A3PE3000-2FGG100Y Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
More results

Similar Description - A3PE3000-2FGG484I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE1500-FGG484 MICROSEMI-A3PE1500-FGG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FG484 MICROSEMI-A3PE3000-FG484 Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE600-2PQ208 MICROSEMI-A3PE600-2PQ208 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-PQG208I MICROSEMI-A3PE1500-PQG208I Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FGG324 MICROSEMI-A3PE3000-FGG324 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3P1000-FG256 MICROSEMI-A3P1000-FG256 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P030-2QNG68I MICROSEMI-A3P030-2QNG68I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-PQG208I MICROSEMI-A3P1000-PQG208I Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-VQ100 MICROSEMI-M1A3P250-VQ100 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-1VQ100I MICROSEMI-M1A3P250-1VQ100I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com