Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7302-ADULNNEP Datasheet(PDF) 6 Page - Orister Corporation

Part # RS7302-ADULNNEP
Description  600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7302-ADULNNEP Datasheet(HTML) 6 Page - Orister Corporation

Back Button RS7302-ADULNNEP Datasheet HTML 2Page - Orister Corporation RS7302-ADULNNEP Datasheet HTML 3Page - Orister Corporation RS7302-ADULNNEP Datasheet HTML 4Page - Orister Corporation RS7302-ADULNNEP Datasheet HTML 5Page - Orister Corporation RS7302-ADULNNEP Datasheet HTML 6Page - Orister Corporation RS7302-ADULNNEP Datasheet HTML 7Page - Orister Corporation RS7302-ADULNNEP Datasheet HTML 8Page - Orister Corporation RS7302-ADULNNEP Datasheet HTML 9Page - Orister Corporation RS7302-ADULNNEP Datasheet HTML 10Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Page No. : 6/11
DS‐RS7302‐02    September, 2009 
www.Orister.com
 
Operating Region and Power Dissipation 
Maximum power dissipation of the RS7302 depends on the thermal resistance of the case and circuit board, the temperature 
difference  between  the  die  junction  and  ambient  air,  and  the  rate  of  airflow.  The  power  dissipation  across  the  devices  is 
P=IOUT x (VIN‐VOUT). The resulting maximum power dissipation is: 
 
JA
A
J
CA
JC
A
J
MAX
T
T
T
T
P
θ
θ
θ
)
(
)
(
=
+
=
 
 
Where  (TJ‐TA)  is  the  temperature  difference  between  the  RS7301  die  junction  and  the  surrounding  air, θJC  is  the  thermal 
resistance  of  the  package  chosen,  and θCA  is  the  thermal  resistance  through  the  printed  circuit  board,  copper  traces  and 
other materials to the surrounding air. For better heat‐sinking, the copper area should be equally shared between the VIN
VOUT, and GND pins. 
 
Dropout Voltage 
A regulator’s minimum input‐output voltage differential, or dropout voltage, determines the lowest usable supply voltage. In 
battery‐powered  systems,  this  will  determine  the  useful  end‐of‐life  battery  voltage.  The  RS7302  use  a  P‐channel  MOSFET 
pass transistor, its dropout voltage is a function of drain‐to‐source on‐resistance RDS(ON) multiplied by the load current. 
 
OUT
ON
DS
OUT
IN
DROPOUT
I
R
V
V
V
×
=
=
)
(
 
 
 
 
 
 
 
 


Similar Part No. - RS7302-ADULNNEP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
RS7300-15MG ORISTER-RS7300-15MG Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
RS7300-15MP ORISTER-RS7300-15MP Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
RS7300-15NG ORISTER-RS7300-15NG Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
RS7300-15NP ORISTER-RS7300-15NP Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
More results

Similar Description - RS7302-ADULNNEP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7215 ORISTER-RS7215 Datasheet
590Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
RS7225 ORISTER-RS7225 Datasheet
394Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft-Start
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
logo
E-CMOS Corporation
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
logo
Fortune Semiconductor C...
FS1084 FORTUNE-FS1084 Datasheet
409Kb / 9P
   5.0A Adjustable & Fixed Voltage LDO Linear Regulator
FS8860 FORTUNE-FS8860 Datasheet
834Kb / 15P
   1.0A Adjustable & Fixed Voltage LDO Linear Regulator
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
logo
Taiwan Semiconductor Co...
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com