Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7215-18DLNSKP Datasheet(PDF) 2 Page - Orister Corporation

Part # RS7215-18DLNSKP
Description  1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7215-18DLNSKP Datasheet(HTML) 2 Page - Orister Corporation

  RS7215-18DLNSKP Datasheet HTML 1Page - Orister Corporation RS7215-18DLNSKP Datasheet HTML 2Page - Orister Corporation RS7215-18DLNSKP Datasheet HTML 3Page - Orister Corporation RS7215-18DLNSKP Datasheet HTML 4Page - Orister Corporation RS7215-18DLNSKP Datasheet HTML 5Page - Orister Corporation RS7215-18DLNSKP Datasheet HTML 6Page - Orister Corporation RS7215-18DLNSKP Datasheet HTML 7Page - Orister Corporation RS7215-18DLNSKP Datasheet HTML 8Page - Orister Corporation RS7215-18DLNSKP Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Page No. : 2/10
DS‐RS7215‐02    September, 2009 
www.Orister.com
Pin Assignments 
  
SOT‐223‐5 
TO‐252‐5 
  
 
 
  
 
PACKAGE 
PIN 
SYMBOL 
DESCRIPTION 
VIN 
Regulator Input Pin 
VOUT 
Regulator Output Pin 
NC/ADJ 
No Connect for Fixed Voltage or ADJ Terminal Pin for 
Adjustable. 
EN 
Enable Pin 
SOT‐223‐5 
GND 
Ground Pin 
 
PACKAGE 
PIN 
SYMBOL 
DESCRIPTION 
VIN 
Regulator Input Pin 
VOUT 
Regulator Output Pin 
GND 
Ground Pin 
NC/ADJ 
No Connect for Fixed Voltage or ADJ Terminal Pin for 
Adjustable. 
TO‐252‐5 
EN 
Enable Pin 
Ordering Information 
DEVICE 
DEVICE CODE 
RS7215‐XX EEE YY Z 
XX is nominal output voltage (for example, AD=ADJ, 18 = 1.8V, 33 = 3.3V, 285 = 2.85V). 
EEE is CE Input Logic & Discharge Function Selection : (see CE & Discharge Function Selection 
Table) 
YY is package designator : 
SK : SOT‐223‐5 
EJ : TO‐252‐5 
Z is Lead Free designator : 
P: Commercial Standard, Lead (Pb) Free and Phosphorous (P) Free Package 
G: Green (Halogen Free with Commercial Standard) 
CE & Discharge Function Selection Table 
EN Type 
EN Type 
EEE 
CODE 
Type 1 
Type 2 
Discharge
EEE 
CODE 
Type 1 
Type 2 
Discharge
NHF 
None 
High Active 
Fast 
UHN 
Pull High 
High Active 
Normal 
NLF 
None 
Low Active 
Fast 
ULN 
Pull High 
Low Active 
Normal 
NHN 
None 
High Active 
Normal 
DHF 
Pull Low 
High Active 
Fast 
NLN 
None 
Low Active 
Normal 
DLF 
Pull Low 
Low Active 
Fast 
UHF 
Pull High 
High Active 
Fast 
DHN 
Pull Low 
High Active 
Normal 
ULF 
Pull High 
Low Active 
Fast 
DLN 
Pull Low 
Low Active 
Normal 
 
 


Similar Part No. - RS7215-18DLNSKP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEG ORISTER-RS7212-15NEG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEP ORISTER-RS7212-15NEP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFG ORISTER-RS7212-15VFG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFP ORISTER-RS7212-15VFP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
More results

Similar Description - RS7215-18DLNSKP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7225 ORISTER-RS7225 Datasheet
394Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft-Start
RS7302 ORISTER-RS7302 Datasheet
696Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
logo
E-CMOS Corporation
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Fortune Semiconductor C...
FS1084 FORTUNE-FS1084 Datasheet
409Kb / 9P
   5.0A Adjustable & Fixed Voltage LDO Linear Regulator
FS8860 FORTUNE-FS8860 Datasheet
834Kb / 15P
   1.0A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Orister Corporation
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com