Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7202-285GPLNEG Datasheet(PDF) 3 Page - Orister Corporation

Part # RS7202-285GPLNEG
Description  250mA Low Quiescent Linear Regulator with Enable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7202-285GPLNEG Datasheet(HTML) 3 Page - Orister Corporation

  RS7202-285GPLNEG Datasheet HTML 1Page - Orister Corporation RS7202-285GPLNEG Datasheet HTML 2Page - Orister Corporation RS7202-285GPLNEG Datasheet HTML 3Page - Orister Corporation RS7202-285GPLNEG Datasheet HTML 4Page - Orister Corporation RS7202-285GPLNEG Datasheet HTML 5Page - Orister Corporation RS7202-285GPLNEG Datasheet HTML 6Page - Orister Corporation RS7202-285GPLNEG Datasheet HTML 7Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page No. : 3/7
DS‐RS7202‐05   
April, 2011 
www.Orister.com
Block Diagram 
 
Absolute Maximum Ratings 
Parameter 
Symbol 
Ratings 
Units
Input Voltage VIN to GND 
VIN 
7.0 
EN to GND Voltage ‐ 
7.0 
EN to Input Voltage ‐ 
0.3 
Output Current Limit, I(LIMIT) 
ILIMIT 
350 
mA 
Junction Temperature 
TJ 
+155 
o
Thermal Resistance 
SOT‐25 
θ
JA 
250 
oC/W
Power Dissipation 
SOT‐25 
PD 
400 
mW 
Operating Ambient Temperature 
TOPR ‐40 ~ +85 
o
Storage Temperature 
TSTG ‐55~+150 
o
Lead Temperature (soldering, 10sec) ‐ 
+260 
o
NOTE:  Stresses  beyond  those  listed  under  “absolute  maximum  ratings”  may  cause  permanent  damage  to  the  device.  These  are  stress 
ratings only, and function operation of the device at these or any other conditions beyond those indicated under “recommended operating 
conditions” is not implied. Exposure to absolute‐maximum–rated conditions for extended periods may affect device reliability. 
Electrical Characteristics (TA=25°C, unless otherwise specified) 
Symbol 
Parameter 
Conditions 
Min. 
Typ. 
Max.
Unit 
VIN 
Input Voltage ‐ 
1.8 ‐ 
6.0 
VIN=VOUT+1.0V, VOUT≦2.5V ‐0.05 
+0.05
VOUT 
Output Voltage 
VIN=VOUT+1.0V, VOUT≧2.5V ‐2% 
VOUT 
+2% 
IMAX 
Output Current ‐ 
250 ‐ 
‐ 
mA 
ILIMIT 
Current Limit ‐ 
‐ 
0.5 ‐ 
ISC 
Short Circuit Current 
VOUT=0V, VIN>VOUT+0.48V 
‐ 
200 
300 
mA 
IQ 
Quiescent Current 
ILOAD=0mA, VIN=VOUT+1.0V ‐ 
2.0 
4.5 
uA 
VDROP 
Dropout Voltage 
VOUT≧2.5V, IOUT=100mA 
‐ 
150 
200 
mV 
ΔVLINE 
Line Regulation 
VOUT+1.0V≦VIN≦6V, ILOAD=1mA ‐ 
0.1 
0.2 
%/V 
ΔVLOAD 
Load Regulation 
IOUT=1mA to 100mA ‐ 
0.01 
0.02 
%/mA 
VIH 
EN Pin Input Voltage “H” 
(see note 2) 
1.0 ‐ 
‐ 
VIL 
EN Pin Input Voltage “L” 
(see note 2) ‐ 
‐ 
0.3 
IEN 
EN Pin Leakage Current ‐ 
‐ 
0.05 
0.1 
uA 
eN 
Output Noise 
F=10KHz, COUT=1uF ‐ 
150 ‐ 
uV(rms) 
PSRR 
Ripple Rejection 
F=100Hz, COUT=1uF ‐ 
60 ‐ 
dB 
TC 
Output Voltage Temperature Coefficient 
IOUT=1mA, ‐40°C≦TA≦80°C ‐ 
100 ‐ 
ppm/
oC
THYS 
Thermal Shutdown Hysteresis ‐ 
‐ 
10 ‐ 
o
 
 


Similar Part No. - RS7202-285GPLNEG

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
RS720 SIEMENS-RS720 Datasheet
820Kb / 8P
   Automatic fire detectors
06.2009
logo
Orister Corporation
RS7200 ORISTER-RS7200 Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-20NEG ORISTER-RS7200-20NEG Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-20NEP ORISTER-RS7200-20NEP Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-285NEG ORISTER-RS7200-285NEG Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
More results

Similar Description - RS7202-285GPLNEG

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7200 ORISTER-RS7200 Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
logo
E-CMOS Corporation
EC6209 E-CMOS-EC6209 Datasheet
1Mb / 24P
   250mA Low- Quiescent Current Linear Regulator
logo
Maxim Integrated Produc...
MAX5086AATN MAXIM-MAX5086AATN Datasheet
1Mb / 15P
   65V, 250mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
19-3878; Rev 1; 7/06
logo
Linear Technology
LTC4079 LINER-LTC4079_15 Datasheet
270Kb / 20P
   60V, 250mA Linear Charger with Low Quiescent Current
logo
Maxim Integrated Produc...
MAX5086 MAXIM-MAX5086_08 Datasheet
323Kb / 13P
   45V, 250mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
Rev 2; 2/08
logo
Linear Technology
LTC4079 LINER-LTC4079 Datasheet
209Kb / 6P
   60V, 250mA Linear Charger with Low Quiescent Current
logo
ACE Technology Co., LTD...
ACE523C ACE-ACE523C Datasheet
657Kb / 8P
   250mA Low consumption Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8061 BELLING-BL8061 Datasheet
691Kb / 10P
   250mA Low Consumption Linear Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com