Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7806AJ Datasheet(PDF) 6 Page - Orister Corporation

Part # RS7806AJ
Description  1.0A Low Dropout Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7806AJ Datasheet(HTML) 6 Page - Orister Corporation

Back Button RS7806AJ Datasheet HTML 2Page - Orister Corporation RS7806AJ Datasheet HTML 3Page - Orister Corporation RS7806AJ Datasheet HTML 4Page - Orister Corporation RS7806AJ Datasheet HTML 5Page - Orister Corporation RS7806AJ Datasheet HTML 6Page - Orister Corporation RS7806AJ Datasheet HTML 7Page - Orister Corporation RS7806AJ Datasheet HTML 8Page - Orister Corporation RS7806AJ Datasheet HTML 9Page - Orister Corporation RS7806AJ Datasheet HTML 10Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Page No. : 6/12
DS‐RS78XX‐08     September, 2009 
www.Orister.com
Test Circuits 
Application Circuits 
 
 
    Constant Current Regulator 
  Circuit for Increasing Output Voltage
  
  Adjustable Output Regulator
  
 
  High Output Current with Short‐circuit Protection
   
VOUT=VOUT(IC)+VZ 
I1=VOUT(IC)/R1 
VOUT=VOUT(IC)(1+R2/R1)+R2*IB 
VOUT=VOUT(IC)(1+R2/R1
R1≤VBE1/IB(max) 
RSC=VBE2/ISC, ISC: Short‐Circuit Current 
13
2
RS78XX
Series
VOUT
VIN
RL
270pF
100
13
2
RS78XX
Series
VOUT
VIN
CIN
0.33uF
COUT
0.1uF
DC Parameter
CIN
0.33uF
Load Regulation
VOUT
0V
13
2
RS7805
Series
VOUT
VIN
RL
Ripple Rejection
+
-
+
- DC 9V
13
2
RS78XX
Series
VOUT
VIN
RL
270pF
100
13
2
RS78XX
Series
VOUT
VIN
CIN
0.33uF
COUT
0.1uF
DC Parameter
CIN
0.33uF
Load Regulation
VOUT
0V
13
2
RS7805
Series
VOUT
VIN
RL
Ripple Rejection
+
-
+
- DC 9V
1
3
2
RS78XX
Series
V
OUT
V
IN
0.33uF
R
1
I
R1
0.1uF
10uF
1
3
2
RS78XX
Series
V
OUT
V
IN
0.33uF
R
1
I
B
0.1uF
10uF
R
2
1
3
2
RS78XX
Series
V
OUT
V
IN
0.33uF
R
1
I
B
0.1uF 10uF
R
2
+
-
1
3
2
RS78XX
Series
V
OUT
V
IN
0.33uF
R
1
0.1uF
10uF
R
sc
Q
1
Q
2


Similar Part No. - RS7806AJ

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS7805 PTC-RS7805 Datasheet
113Kb / 2P
   1.0A Low Dropout Positive Voltage Regulator
More results

Similar Description - RS7806AJ

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK1117-1.25 KODENSHI-KK1117-1.25 Datasheet
196Kb / 4P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS1117 ORISTER-RS1117 Datasheet
391Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A ORISTER-RS1117A Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-X IKSEMICON-IL1117-X Datasheet
237Kb / 6P
   1.0A Low Dropout Positive Voltage Regulator
IL1117-XX IKSEMICON-IL1117-XX Datasheet
1,017Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
IL2940CT-XX IKSEMICON-IL2940CT-XX Datasheet
270Kb / 9P
   1.0A Low Dropout Positive Voltage Regulator
logo
Princeton Technology Co...
RS7805 PTC-RS7805 Datasheet
113Kb / 2P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A PTC-RS1117A Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
TS29100 TSC-TS29100 Datasheet
179Kb / 8P
   1.0A Ultra Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com