Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7302-285NLFNEP Datasheet(PDF) 2 Page - Orister Corporation

Part # RS7302-285NLFNEP
Description  600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7302-285NLFNEP Datasheet(HTML) 2 Page - Orister Corporation

  RS7302-285NLFNEP Datasheet HTML 1Page - Orister Corporation RS7302-285NLFNEP Datasheet HTML 2Page - Orister Corporation RS7302-285NLFNEP Datasheet HTML 3Page - Orister Corporation RS7302-285NLFNEP Datasheet HTML 4Page - Orister Corporation RS7302-285NLFNEP Datasheet HTML 5Page - Orister Corporation RS7302-285NLFNEP Datasheet HTML 6Page - Orister Corporation RS7302-285NLFNEP Datasheet HTML 7Page - Orister Corporation RS7302-285NLFNEP Datasheet HTML 8Page - Orister Corporation RS7302-285NLFNEP Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Page No. : 2/11
DS‐RS7302‐02    September, 2009 
www.Orister.com
Pin Assignments 
   
SOT‐25 
SC‐70‐5 
SOP‐8 
   
 
 
 
   
 
PACKAGE 
PIN 
SYMBOL 
DESCRIPTION 
VIN 
Regulator Input Pin 
GND 
Ground Pin or ADJ Pin 
EN 
Enable Pin 
SS 
Soft‐Start Pin 
SOT‐25 
VOUT 
Regulator Output Pin 
 
PACKAGE 
PIN 
SYMBOL 
DESCRIPTION 
VIN 
Regulator Input Pin 
GND 
Ground Pin or ADJ Pin 
EN 
Enable Pin 
SS 
Soft‐Start Pin 
SC‐70‐5 
VOUT 
Regulator Output Pin 
 
PACKAGE 
PIN 
SYMBOL 
DESCRIPTION 
EN 
Enable Pin 
VIN 
Regulator Input Pin 
VOUT 
Regulator Output Pin 
SS 
Soft‐Start Pin 
SOP‐8 
5, 6, 7, 8 
GND 
Ground Pin or ADJ Pin 
Ordering Information 
DEVICE 
DEVICE CODE 
RS7302‐XX EEE YY Z 
XX is nominal output voltage (for example, AD=ADJ, 18 = 1.8V, 33 = 3.3V, 285 = 2.85V). 
EEE is CE Input Logic & Discharge Function Selection : (see CE & Discharge Function Selection 
Table) 
YY is package designator : 
NE : SOT‐25 
SC : SC‐70‐5 
S : SOP‐8 
Z is Lead Free designator : 
P: Commercial Standard, Lead (Pb) Free and Phosphorous (P) Free Package 
G: Green (Halogen Free with Commercial Standard) 


Similar Part No. - RS7302-285NLFNEP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
RS7300-15MG ORISTER-RS7300-15MG Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
RS7300-15MP ORISTER-RS7300-15MP Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
RS7300-15NG ORISTER-RS7300-15NG Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
RS7300-15NP ORISTER-RS7300-15NP Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
More results

Similar Description - RS7302-285NLFNEP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7215 ORISTER-RS7215 Datasheet
590Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
RS7225 ORISTER-RS7225 Datasheet
394Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft-Start
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
logo
E-CMOS Corporation
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
logo
Fortune Semiconductor C...
FS1084 FORTUNE-FS1084 Datasheet
409Kb / 9P
   5.0A Adjustable & Fixed Voltage LDO Linear Regulator
FS8860 FORTUNE-FS8860 Datasheet
834Kb / 15P
   1.0A Adjustable & Fixed Voltage LDO Linear Regulator
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
logo
Taiwan Semiconductor Co...
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com