Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7302-285NLFNEP Datasheet(PDF) 1 Page - Orister Corporation

Part # RS7302-285NLFNEP
Description  600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7302-285NLFNEP Datasheet(HTML) 1 Page - Orister Corporation

  RS7302-285NLFNEP Datasheet HTML 1Page - Orister Corporation RS7302-285NLFNEP Datasheet HTML 2Page - Orister Corporation RS7302-285NLFNEP Datasheet HTML 3Page - Orister Corporation RS7302-285NLFNEP Datasheet HTML 4Page - Orister Corporation RS7302-285NLFNEP Datasheet HTML 5Page - Orister Corporation RS7302-285NLFNEP Datasheet HTML 6Page - Orister Corporation RS7302-285NLFNEP Datasheet HTML 7Page - Orister Corporation RS7302-285NLFNEP Datasheet HTML 8Page - Orister Corporation RS7302-285NLFNEP Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Page No. : 1/11
DS‐RS7302‐02    September, 2009 
www.Orister.com
RS7302 
600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft‐Start 
 
General Description 
The  RS7302  series  is  a  low‐dropout  linear  regulator  with  ON/OFF  control  that  operates  in  the  input  voltage  range  from 
+2.4V to +7.0V and delivers 600mA output current. 
 
The  RS7302  is  available  fixed  output  voltage  type  is  preset  at  an  internally  trimmed  voltage  1.8V,  2.5V,  or  3.3V.  Other 
options 1.0V, 1.2V,1.5V, 2.85V, 3.0V and 3.6V are available by special order only. 
 
The  RS7302  series  consists  of  a  0.95V  bandgap  reference,  an  error  amplifier,  and  a  P‐channel  pass  transistor.  Other 
features include soft‐start function, short‐circuit protection and thermal shutdown protection. The RS7302 series devices 
are available in SOT‐25, SC‐70‐5 & SOP‐8 packages.
 
Features 
Applications 
◎ Operating Voltage Range:+2.4V to +7.0V 
◎ Output Voltages:+1.0V to +5.0V (0.1V Step), +1.25V to 
+5.0V 
◎ Dropout Voltage:500mV@600mA (Fixed) 
◎ Fast Response in Power‐on:35uS 
◎ Low Current Consumption:60μA (Typ.) 
◎ Low ESR Capacitor Compatible 
◎ High Ripple Rejection:65dB (Typ.) 
◎ Short Circuit Protection:200mA (Typ.) 
◎ Thermal Overload Shutdown Protection 
◎ SOT‐25, SC‐70‐5 and SOP‐8 packages 
◎ RoHS Compliant and 100% Lead (Pb)‐Free and Green 
(Halogen Free with Commercial Standard) 
◎ Battery‐Powered Equipments 
◎ Graphic Card, Peripheral Card 
◎ PCMCIA & New Card 
◎ Mini PCI & PCI‐Express Cards 
◎ Digital Still Camera 
◎ CDMA/GSM Cellular Handsets 
◎ Laptop, Palmtops, Notebook Computers 
◎ Portable Information Application 
 
Application Circuits 
Soft‐Start Function 
 
 
 
This  integrated  circuit  can  be  damaged  by  ESD.  Orister  Corporation  recommends  that  all  integrated  circuits  be  handled  with 
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. 
 
ESD  damage  can  range  from  subtle  performance  degradation  to  complete  device  failure.  Precision  integrated  circuits  may  be  more 
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
 


Similar Part No. - RS7302-285NLFNEP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
RS7300-15MG ORISTER-RS7300-15MG Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
RS7300-15MP ORISTER-RS7300-15MP Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
RS7300-15NG ORISTER-RS7300-15NG Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
RS7300-15NP ORISTER-RS7300-15NP Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
More results

Similar Description - RS7302-285NLFNEP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7215 ORISTER-RS7215 Datasheet
590Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
RS7225 ORISTER-RS7225 Datasheet
394Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft-Start
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
logo
E-CMOS Corporation
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
logo
Fortune Semiconductor C...
FS1084 FORTUNE-FS1084 Datasheet
409Kb / 9P
   5.0A Adjustable & Fixed Voltage LDO Linear Regulator
FS8860 FORTUNE-FS8860 Datasheet
834Kb / 15P
   1.0A Adjustable & Fixed Voltage LDO Linear Regulator
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
logo
Taiwan Semiconductor Co...
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com