Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7202-33GPNEG Datasheet(PDF) 1 Page - Orister Corporation

Part # RS7202-33GPNEG
Description  250mA Low Quiescent Linear Regulator with Enable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7202-33GPNEG Datasheet(HTML) 1 Page - Orister Corporation

  RS7202-33GPNEG Datasheet HTML 1Page - Orister Corporation RS7202-33GPNEG Datasheet HTML 2Page - Orister Corporation RS7202-33GPNEG Datasheet HTML 3Page - Orister Corporation RS7202-33GPNEG Datasheet HTML 4Page - Orister Corporation RS7202-33GPNEG Datasheet HTML 5Page - Orister Corporation RS7202-33GPNEG Datasheet HTML 6Page - Orister Corporation RS7202-33GPNEG Datasheet HTML 7Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page No. : 1/7
DS‐RS7202‐05   
April, 2011 
www.Orister.com
RS7202 
250mA Low Quiescent Linear Regulator with Enable 
 
General Description 
The RS7202 series is a positive voltage regulator with high accuracy output voltage and ultra‐low quiescent current which is 
typically  2.0μA.  The  device  is  ideal  for  handheld  communication  equipments  and  battery  powered  applications  which 
require low quiescent current. 
 
The  RS7202  consists  of  a  bandgap  reference  voltage  source,  an  error  amplifier,  a  P‐channel  pass  transistor,  a  resistor‐
divider  for  setting  output  voltage,  a  current  limiter,  and  temperature  limit  protection  circuit.  The  high‐accuracy  output 
voltage is preset at an internally trimmed voltage 1.8V, 2.5V or 3.3V. Other output voltages can be mask‐ optioned from 
1.2V to 5.0V with 100mV increment except the RS7202‐13 which has 1.3V output voltage and RS7202‐185 which has 1.85V 
output voltage. 
 
The RS7202 has been designed to be used with low cost ceramic capacitors and requires a minimum output capacitor of 
1.0μF. The device is available in SOT‐25 package.
 
Features 
Applications 
● 2.0μA Quiescent Current (Typ.) 
● Operating Voltages Range:+1.8V to +6V 
● Output Voltages Range:+1.2V to +5.0V with 100mV 
Increment 
● Maximum Output Current:250mA 
● Low Dropout: 150mV@100mA (VOUT≧2.0V) 
● High Accuracy of Output Voltage: 
±2.0% : VOUT≧2.5 V 
±50mV : VOUT≦2.5 V 
● High Ripple Rejection:60dB 
● Output Current Limit Protection (350mA) 
● Short Circuit Protection (200mA) 
● Thermal Overload Shutdown Protection 
● Low ESR Capacitor Compatible 
● SOT‐25 Package 
● RoHS Compliant and 100% Lead (Pb)‐Free and Green 
(Halogen Free with Commercial Standard) 
● Battery‐powered equipment 
● Voltage regulator for microprocessor 
● Voltage regulator for LAN cards 
● Wireless Communication equipment 
● Audio/Video equipment 
● Post Regulator for Switching Power 
● Home Electric/Electronic Appliance 
Application Circuits 
 
 
 
 
 
 


Similar Part No. - RS7202-33GPNEG

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
RS720 SIEMENS-RS720 Datasheet
820Kb / 8P
   Automatic fire detectors
06.2009
logo
Orister Corporation
RS7200 ORISTER-RS7200 Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-20NEG ORISTER-RS7200-20NEG Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-20NEP ORISTER-RS7200-20NEP Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-285NEG ORISTER-RS7200-285NEG Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
More results

Similar Description - RS7202-33GPNEG

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7200 ORISTER-RS7200 Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
logo
E-CMOS Corporation
EC6209 E-CMOS-EC6209 Datasheet
1Mb / 24P
   250mA Low- Quiescent Current Linear Regulator
logo
Maxim Integrated Produc...
MAX5086AATN MAXIM-MAX5086AATN Datasheet
1Mb / 15P
   65V, 250mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
19-3878; Rev 1; 7/06
logo
Linear Technology
LTC4079 LINER-LTC4079_15 Datasheet
270Kb / 20P
   60V, 250mA Linear Charger with Low Quiescent Current
logo
Maxim Integrated Produc...
MAX5086 MAXIM-MAX5086_08 Datasheet
323Kb / 13P
   45V, 250mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
Rev 2; 2/08
logo
Linear Technology
LTC4079 LINER-LTC4079 Datasheet
209Kb / 6P
   60V, 250mA Linear Charger with Low Quiescent Current
logo
ACE Technology Co., LTD...
ACE523C ACE-ACE523C Datasheet
657Kb / 8P
   250mA Low consumption Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8061 BELLING-BL8061 Datasheet
691Kb / 10P
   250mA Low Consumption Linear Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com