Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7215-285ULFSKP Datasheet(PDF) 10 Page - Orister Corporation

Part # RS7215-285ULFSKP
Description  1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7215-285ULFSKP Datasheet(HTML) 10 Page - Orister Corporation

Back Button RS7215-285ULFSKP Datasheet HTML 2Page - Orister Corporation RS7215-285ULFSKP Datasheet HTML 3Page - Orister Corporation RS7215-285ULFSKP Datasheet HTML 4Page - Orister Corporation RS7215-285ULFSKP Datasheet HTML 5Page - Orister Corporation RS7215-285ULFSKP Datasheet HTML 6Page - Orister Corporation RS7215-285ULFSKP Datasheet HTML 7Page - Orister Corporation RS7215-285ULFSKP Datasheet HTML 8Page - Orister Corporation RS7215-285ULFSKP Datasheet HTML 9Page - Orister Corporation RS7215-285ULFSKP Datasheet HTML 10Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Page No. : 10/10
DS‐RS7215‐02    September, 2009 
www.Orister.com
 
 
Important Notice: 
 
© Orister Corporation 
Orister cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an Orister product. 
No circuit patent licenses, copyrights, mask work rights, or other intellectual property rights are implied. 
 
Orister  reserves  the  right  to  make  changes  to  their  products  or  specifications  or  to  discontinue  any  product  or  service 
without notice. Except as provided in Orister’s terms and conditions of sale, Orister assumes no liability whatsoever, and 
Orister disclaims any express or implied warranty relating to the sale and/or use of Orister products including liability or 
warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other 
intellectual  property  right.  In  order  to  minimize  risks  associated  with  the  customer’s  applications,  adequate  design  and 
operating safeguards must be provided by the customer to minimize inherent or procedural hazards. Testing and other 
quality control techniques are utilized to the extent Orister deems necessary to support this warranty. Specific testing of 
all parameters of each device is not necessarily performed.  
 
Orister and the Orister logo are trademarks of Orister Corporation. All other brand and product names appearing in this 
document are registered trademarks or trademarks of their respective holders. 
 
 
 


Similar Part No. - RS7215-285ULFSKP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEG ORISTER-RS7212-15NEG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEP ORISTER-RS7212-15NEP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFG ORISTER-RS7212-15VFG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFP ORISTER-RS7212-15VFP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
More results

Similar Description - RS7215-285ULFSKP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7225 ORISTER-RS7225 Datasheet
394Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft-Start
RS7302 ORISTER-RS7302 Datasheet
696Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
logo
E-CMOS Corporation
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Fortune Semiconductor C...
FS1084 FORTUNE-FS1084 Datasheet
409Kb / 9P
   5.0A Adjustable & Fixed Voltage LDO Linear Regulator
FS8860 FORTUNE-FS8860 Datasheet
834Kb / 15P
   1.0A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Orister Corporation
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com