Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7225-18UHFNEP Datasheet(PDF) 4 Page - Orister Corporation

Part # RS7225-18UHFNEP
Description  1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft-Start
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7225-18UHFNEP Datasheet(HTML) 4 Page - Orister Corporation

  RS7225-18UHFNEP Datasheet HTML 1Page - Orister Corporation RS7225-18UHFNEP Datasheet HTML 2Page - Orister Corporation RS7225-18UHFNEP Datasheet HTML 3Page - Orister Corporation RS7225-18UHFNEP Datasheet HTML 4Page - Orister Corporation RS7225-18UHFNEP Datasheet HTML 5Page - Orister Corporation RS7225-18UHFNEP Datasheet HTML 6Page - Orister Corporation RS7225-18UHFNEP Datasheet HTML 7Page - Orister Corporation RS7225-18UHFNEP Datasheet HTML 8Page - Orister Corporation RS7225-18UHFNEP Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Page No. : 4/10
DS-RS7225-02
September, 2009
www.Orister.com
Electrical Characteristics (TA=25°C, VIN=5.0V unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
-
2.4
-
7.0
V
VIN=VOUT+1.0V, IOUT=1mA, VOUT≧1.8V
-2%
+2%
V
Fixed
Type
VIN=VOUT+1.0V, IOUT=1mA, VOUT<1.8V, VIN
2.4V
-35
+35
mV
VIN=VOUT+1.2V, IOUT=1mA, VOUT≧1.8V
-2%
+2%
V
VOUT
Output Voltage
ADJ
Type
VIN=VOUT+1.2V, IOUT=1mA, VOUT<1.8V, VIN
2.4V
-50
VOUT
+50
mV
IMAX
Output Current (see NOTE)
VOUT+1.0V≦VIN≦7.0V, VOUT≧2.4V
1.0
-
-
A
IOUT=100mA, VOUT>3.0V
-
50
-
VDROP
Dropout Voltage
IOUT=1000mA, VOUT>3.0V
-
700
-
mV
ΔVLINE
Line Regulation
VOUT+1.0V≦VIN≦7V, IOUT=1mA
-
0.2
0.3
%/V
ΔVLOAD
Load Regulation
VIN=VOUT+1V, 1mA≦IOUT≦100mA
-
0.01
0.02
%/mA
IQ
Ground Pin Current
ILOAD=0mA to 1.0A, VIN=VOUT+1.0V
-
60
-
uA
ISD
Shutdown Current
VIN=VOUT+1V, EN=0V, No Load
0.7
-
uA
ISC
Short Circuit Current
-
-
600
-
mA
PSRR
Ripple Rejection
IOUT=30mA, F=1KHz, COUT=10uF
-
55
-
dB
eN
Output Noise
IOUT=100mA , F=1KHz, COUT=10uF
-
40
-
uV(rms)
VIH
EN Pin Input Voltage “H”
VIN≦5.0V
1.6
-
-
V
VIL
EN Pin Input Voltage “L”
VIN≦5.0V
-
-
0.3
V
RDIS
Discharge Resistor
VEN=0V, For Fixed Voltage Type
-
30
100
TDIS
Discharge Time
VOUT=3.3V to 0V, COUT=1uF, For Fixed Voltage Type
-
70
100
us
TSS
Soft-Start Time
VOUT=3.3V, CSS=0.1uF, CIN=COUT=1uF
-
20
-
ms
TSD
Thermal Shutdown Temperature
-
-
150
-
o
C
THYS
Thermal Shutdown Hysteresis
-
-
20
-
o
C
NOTE:Measured using a double sided board with 1” x 2” square inches of copper area connected to the GND pins for “heat spreading”.


Similar Part No. - RS7225-18UHFNEP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
RS720 SIEMENS-RS720 Datasheet
820Kb / 8P
   Automatic fire detectors
06.2009
logo
Orister Corporation
RS7200 ORISTER-RS7200 Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-20NEG ORISTER-RS7200-20NEG Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-20NEP ORISTER-RS7200-20NEP Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-285NEG ORISTER-RS7200-285NEG Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
More results

Similar Description - RS7225-18UHFNEP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7215 ORISTER-RS7215 Datasheet
590Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
RS7302 ORISTER-RS7302 Datasheet
696Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
National Semiconductor ...
LP38852 NSC-LP38852 Datasheet
439Kb / 18P
   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38853 TI1-LP38853_14 Datasheet
1Mb / 27P
[Old version datasheet]   3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38852S-ADJ TI-LP38852S-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38853 TI-LP38853 Datasheet
1Mb / 28P
[Old version datasheet]   LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38853 TI-LP38853_15 Datasheet
1Mb / 28P
[Old version datasheet]   LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
National Semiconductor ...
LP38851 NSC-LP38851 Datasheet
441Kb / 18P
   800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38851S-ADJ TI1-LP38851S-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   LP38851 800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com