Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7213-33NLNNEP Datasheet(PDF) 2 Page - Orister Corporation

Part # RS7213-33NLNNEP
Description  300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7213-33NLNNEP Datasheet(HTML) 2 Page - Orister Corporation

  RS7213-33NLNNEP Datasheet HTML 1Page - Orister Corporation RS7213-33NLNNEP Datasheet HTML 2Page - Orister Corporation RS7213-33NLNNEP Datasheet HTML 3Page - Orister Corporation RS7213-33NLNNEP Datasheet HTML 4Page - Orister Corporation RS7213-33NLNNEP Datasheet HTML 5Page - Orister Corporation RS7213-33NLNNEP Datasheet HTML 6Page - Orister Corporation RS7213-33NLNNEP Datasheet HTML 7Page - Orister Corporation RS7213-33NLNNEP Datasheet HTML 8Page - Orister Corporation RS7213-33NLNNEP Datasheet HTML 9Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Page No. : 2/9
DS‐RS7213‐02    September, 2009 
www.Orister.com
Pin Assignment 
  
SOT‐25 
SC‐70‐5 
  
 
 
 
PACKAGE 
PIN 
SYMBOL 
DESCRIPTION 
VIN 
Regulator Input Pin 
GND 
Ground Pin 
EN 
Chip Enable Pin 
NC 
No Connection 
SOT‐25 
VOUT 
Regulator Output Pin 
 
PACKAGE 
PIN 
SYMBOL 
DESCRIPTION 
VIN 
Regulator Input Pin 
GND 
Ground Pin 
EN 
Chip Enable Pin 
NC 
No Connection 
SC‐70‐5 
VOUT 
Regulator Output Pin 
Ordering Information 
DEVICE 
DEVICE CODE 
RS7213‐XX EEE YY Z 
XX is nominal output voltage (for example, 18 = 1.8V, 33 = 3.3V, 285 = 2.85V). 
EEE is CE Input Logic & Discharge Function Selection : (see CE & Discharge Function Selection 
Table) 
YY is package designator : 
NE : SOT‐25 
SC : SC‐70‐5 
Z is Lead Free designator : 
P: Commercial Standard, Lead (Pb) Free and Phosphorous (P) Free Package 
G: Green (Halogen Free with Commercial Standard) 
CE & Discharge Function Selection Table 
EN Type 
EN Type 
EEE 
CODE 
Type 1 
Type 2 
Discharge
EEE 
CODE 
Type 1 
Type 2 
Discharge
NHF 
None 
High Active 
Fast 
UHN 
Pull High 
High Active 
Normal 
NLF 
None 
Low Active 
Fast 
ULN 
Pull High 
Low Active 
Normal 
NHN 
None 
High Active 
Normal 
DHF 
Pull Low 
High Active 
Fast 
NLN 
None 
Low Active 
Normal 
DLF 
Pull Low 
Low Active 
Fast 
UHF 
Pull High 
High Active 
Fast 
DHN 
Pull Low 
High Active 
Normal 
ULF 
Pull High 
Low Active 
Fast 
DLN 
Pull Low 
Low Active 
Normal 
 
 
 
 


Similar Part No. - RS7213-33NLNNEP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEG ORISTER-RS7212-15NEG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEP ORISTER-RS7212-15NEP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFG ORISTER-RS7212-15VFG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFP ORISTER-RS7212-15VFP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
More results

Similar Description - RS7213-33NLNNEP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
logo
E-CMOS Corporation
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
logo
Gamma Microelectronics ...
GM6355 GAMMA-GM6355 Datasheet
170Kb / 6P
   300mA LOW NOISE CMOS LDO WITH ENABLE FUNCTION
logo
Diodes Incorporated
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7330 DIODES-AP7330 Datasheet
1Mb / 13P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
February 2018
AP7343 DIODES-AP7343 Datasheet
1Mb / 16P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
AP7344 DIODES-AP7344 Datasheet
920Kb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
logo
ACE Technology Co., LTD...
ACE515 ACE-ACE515 Datasheet
447Kb / 8P
   Low Noise, fast response 300mA LDO regulator
VER 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com