Electronic Components Datasheet Search |
|
CWR06NH155MRC Datasheet(PDF) 1 Page - Vishay Siliconix |
|
CWR06NH155MRC Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 7 page CWR06 www.vishay.com Vishay Sprague Revision: 27-Feb-13 1 Document Number: 40009 For technical questions, contact: tantalum@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Conformal Coated, Military MIL-PRF-55365/4 Qualified FEATURES • Weibull failure rates B, C, D, T Exponential failure rates M, P, R, S • Tape and reel available per EIA 481 • Termination finishes available: Gold plate, solder plated, solder fused and hot solder dipped • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 Note * Lead (Pb)-containing terminations are not RoHS-compliant. Exemptions may apply. PERFORMANCE CHARACTERISTICS Operating Temperature: - 55 °C to + 125 °C (above 85 °C, voltage derating is required) Capacitance Range: 0.10 μF to 100 μF Capacitance Tolerance: ± 5 %, ± 10 %, ± 20 % Voltage Rating: 4 VDC to 50 VDC Notes (1) Contact marketing for availability of Weibull D failure rate for 50 V ratings (2) T level requires surge current option “C”. Capacitors are recommended for “space applications”. Shipped in tape and reel/or waffle packaging only. Note • When solder coated terminations are required, add 0.015" [0.38 mm] to termination dimension tolerances ORDERING INFORMATION CWR06 D B 155 K B A /TR TYPE VOLTAGE TERMINATION FINISH CAPACITANCE CAPACITANCE TOLERANCE FAILURE RATE %/1000 h SURGE CURRENT (OPTIONAL) PACKAGING C = 4 V D = 6 V F = 10 V H = 15 V J = 20 V K = 25 V M = 35 V N = 50 V B = Gold C = Hot solder dipped H = Solder plated K = Solder fused This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow. J = ± 5 % K = ± 10 % M = ± 20 % M = 1.0 P = 0.1 R = 0.01 S = 0.001 B = 0.1 C = 0.01 D = 0.001 (1) T = 0.01 (2) A = 3 cycles at + 25 °C B = 3 cycles at - 55 °C and + 85 °C C = 3 cycles at - 55 °C and + 85 °C (before Weibull grading) Blank = Bulk, plastic tray /FA = Waffle pack /PR = 100 pcs reel /HR = Half reel /TR = Full reel DIMENSIONS in inches [millimeters] CASE CODE L W H P T1 T2 (max.) A 0.100 ± 0.015 [2.54 ± 0.38] 0.050 ± 0.015 [1.27 ± 0.38] 0.050 ± 0.015 [1.27 ± 0.38] 0.030 ± 0.005 [0.76 ± 0.13] 0.005 [0.13] 0.015 [0.38] B 0.150 ± 0.015 [3.81 ± 0.38] 0.050 ± 0.015 [1.27 ± 0.38] 0.050 ± 0.015 [1.27 ± 0.38] 0.030 ± 0.005 [0.76 ± 0.13] 0.005 [0.13] 0.015 [0.38] C 0.200 ± 0.015 [5.08 ± 0.38] 0.050 ± 0.015 [1.27 ± 0.38] 0.050 ± 0.015 [1.27 ± 0.38] 0.030 ± 0.005 [0.76 ± 0.13] 0.005 [0.13] 0.015 [0.38] D 0.150 ± 0.015 [3.81 ± 0.38] 0.100 ± 0.015 [2.54 ± 0.38] 0.050 ± 0.015 [1.27 ± 0.38] 0.030 ± 0.005 [0.76 ± 0.13] 0.005 [0.13] 0.015 [0.38] E 0.200 ± 0.015 [5.08 ± 0.38] 0.100 ± 0.015 [2.54 ± 0.38] 0.050 ± 0.015 [1.27 ± 0.38] 0.030 ± 0.005 [0.76 ± 0.13] 0.005 [0.13] 0.015 [0.38] F 0.220 ± 0.015 [5.59 ± 0.38] 0.135 ± 0.015 [3.43 ± 0.38] 0.070 ± 0.015 [1.78 ± 0.38] 0.030 ± 0.005 [0.76 ± 0.13] 0.005 [0.13] 0.015 [0.38] G 0.265 ± 0.015 [6.73 ± 0.38] 0.110 ± 0.015 [2.79 ± 0.38] 0.110 ± 0.015 [2.79 ± 0.38] 0.050 ± 0.005 [1.27 ± 0.13] 0.005 [0.13] 0.015 [0.38] H 0.285 ± 0.015 [7.24 ± 0.38] 0.150 ± 0.015 [3.81 ± 0.38] 0.110 ± 0.015 [2.79 ± 0.38] 0.050 ± 0.005 [1.27 ± 0.13] 0.005 [0.13] 0.015 [0.38] W L P H P Weld and dimple projection identifies anode (+) terminal -+ T 1 - T 2 (max.) |
Similar Part No. - CWR06NH155MRC |
|
Similar Description - CWR06NH155MRC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |