Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7100-33MG Datasheet(PDF) 3 Page - Orister Corporation

Part # RS7100-33MG
Description  Low Power 300mA CMOS LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7100-33MG Datasheet(HTML) 3 Page - Orister Corporation

  RS7100-33MG Datasheet HTML 1Page - Orister Corporation RS7100-33MG Datasheet HTML 2Page - Orister Corporation RS7100-33MG Datasheet HTML 3Page - Orister Corporation RS7100-33MG Datasheet HTML 4Page - Orister Corporation RS7100-33MG Datasheet HTML 5Page - Orister Corporation RS7100-33MG Datasheet HTML 6Page - Orister Corporation RS7100-33MG Datasheet HTML 7Page - Orister Corporation RS7100-33MG Datasheet HTML 8Page - Orister Corporation RS7100-33MG Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Page No. : 3/12
DS‐RS7100‐14   April, 2010 
www.Orister.com
Absolute Maximum Ratings 
Parameter 
Symbol 
Ratings 
Units
Input Voltage VIN to GND 
VIN 
10 
Output Current Limit, I(LIMIT) 
ILIMIT 
600 
mA 
Junction Temperature 
TJ 
+155 
o
SOT‐23 
280 
Thermal Resistance 
SOT‐89 
θ
JA 
180 
oC/W
SOT‐23 
350 
Power Dissipation 
SOT‐89 
PD 
550 
mW 
Operating Ambient Temperature 
TOPR ‐40 ~ +85 
o
Storage Temperature 
TSTG ‐55~+150 
o
Lead Temperature (soldering, 10sec) ‐ 
+260 
o
NOTE:  Stresses  beyond  those  listed  under  “absolute  maximum  ratings”  may  cause  permanent  damage  to  the  device.  These  are  stress 
ratings only, and function operation of the device at these or any other conditions beyond those indicated under “recommended operating 
conditions” is not implied. Exposure to absolute‐maximum–rated conditions for extended periods may affect device reliability. 
Electrical Characteristics (TA=25°C, unless otherwise specified) 
Symbol 
Parameter 
Conditions 
Min. 
Typ. 
Max.
Unit 
VIN 
Input Voltage ‐ 
2.5 ‐ 
9.0 
VIN=VOUT+0.48V, IOUT=1mA, VOUT≤7.0V 
VOUT 
Output Voltage 
VIN=VOUT+0.48V, IOUT=1mA, 7.0V<VIN≤9.0V 
‐2% 
VOUT 
+2% 
VIN>VOUT +0.48V, VIN≤7.0V 
ΔVOUT 
Output Voltage Accuracy 
VIN>VOUT +0.48V, 7.0V<VIN≤9.0V 
‐2% 
VOUT 
+2% 
IMAX 
Output Current ‐ 
300 ‐ 
‐ 
mA 
ILIMIT 
Current Limit ‐ 
‐ 
0.6 ‐ 
ISC 
Short Circuit Current 
VOUT=0V, VIN=5V  
300 
350 
mA 
IQ 
Ground Pin Current 
ILOAD=0mA to 300mA, VIN=5.0V ‐ 
30 
50 
uA 
IOUT=100mA ‐ 
120 
145 
VDROP 
Dropout Voltage 
IOUT=300mA ‐ 
400 
480 
mV 
ΔVLINE 
Line Regulation 
VOUT+0.48V<VIN<9.0V, ILOAD=1mA ‐ 
0.2 
0.3 
%/V 
ΔVLOAD 
Load Regulation 
IOUT=0mA to 300mA ‐ 
0.01 
0.02 
%/mA 
eN 
Output Noise 
F=1Hz to 10KHz, COUT=1uF ‐ 
70 ‐ 
uV(rms) 
PSRR 
Ripple Rejection 
F=1KHz, COUT=1uF ‐ 
70 ‐ 
dB 
TSD 
Thermal Shutdown Temperature ‐ 
‐ 
160 ‐ 
o
THYS 
Thermal Shutdown Hysteresis ‐ 
‐ 
10 ‐ 
o
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 


Similar Part No. - RS7100-33MG

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7103 ORISTER-RS7103 Datasheet
671Kb / 10P
   Low Power 300mA CMOS LDO with Enable
More results

Similar Description - RS7100-33MG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
logo
Orister Corporation
RS7103 ORISTER-RS7103 Datasheet
671Kb / 10P
   Low Power 300mA CMOS LDO with Enable
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_08 Datasheet
104Kb / 7P
   300mA Low Noise CMOS LDO
logo
Diodes Incorporated
AP139 DIODES-AP139 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
logo
Anachip Corp
AP139 ANACHIP-AP139 Datasheet
183Kb / 8P
   300mA Low-Noise CMOS LDO
logo
Seaward Electronics Inc...
SE5169 SEAWARD-SE5169 Datasheet
289Kb / 8P
   300mA CMOS Low Power LDO Voltage Regulator
logo
Anachip Corp
AP138 ANACHIP-AP138 Datasheet
334Kb / 7P
   300mA Low-Noise CMOS LDO
logo
Diodes Incorporated
AP139 DIODES-AP139_09 Datasheet
199Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 6
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com