Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7200-285NEP Datasheet(PDF) 6 Page - Orister Corporation

Part # RS7200-285NEP
Description  250mA Linear Regulator with Enable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7200-285NEP Datasheet(HTML) 6 Page - Orister Corporation

  RS7200-285NEP Datasheet HTML 1Page - Orister Corporation RS7200-285NEP Datasheet HTML 2Page - Orister Corporation RS7200-285NEP Datasheet HTML 3Page - Orister Corporation RS7200-285NEP Datasheet HTML 4Page - Orister Corporation RS7200-285NEP Datasheet HTML 5Page - Orister Corporation RS7200-285NEP Datasheet HTML 6Page - Orister Corporation RS7200-285NEP Datasheet HTML 7Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page No. : 6/7
DS‐RS7200‐02    September, 2009 
www.Orister.com
Soldering Methods for Orister’s Products 
1. Storage environment: Temperature=10
oC~35oC Humidity=65%±15% 
2. Reflow soldering of surface‐mount devices 
 
Profile Feature 
Sn‐Pb Eutectic Assembly 
Pb‐Free Assembly 
Average ramp‐up rate (TL to TP
<3
oC/sec 
<3
oC/sec 
Preheat 
‐ Temperature Min (Tsmin
‐ Temperature Max (Tsmax
‐ Time (min to max) (ts) 
 
100
o
150
o
60~120 sec 
 
150
o
200
o
60~180 sec 
Tsmax to T 
‐ Ramp‐up Rate 
 
<3
oC/sec 
 
<3
oC/sec 
Time maintained above: 
‐ Temperature (TL
‐ Time (tL
 
183
o
60~150 sec 
 
217
o
60~150 sec 
Peak Temperature (TP
240
oC +0/‐5o
260
oC +0/‐5o
Time within 5
oC of actual Peak 
Temperature (tP
10~30 sec 
20~40 sec 
Ramp‐down Rate 
<6
oC/sec 
<6
oC/sec 
Time 25
oC to Peak Temperature 
<6 minutes 
<8 minutes 
3. Flow (wave) soldering (solder dipping) 
Products 
Peak temperature 
Dipping time 
Pb devices. 
245
oC ±5o
5sec ±1sec 
Pb‐Free devices. 
260
oC +0/‐5o
5sec ±1sec 
 
 
 
 
 
Figure 1: Temperature profile 
tP
tL
Ramp-down
Ramp-up
Tsmax
Tsmin
Critical Zone
TL to TP
tS
Preheat
TL
TP
25
t 25oC to Peak
Time


Similar Part No. - RS7200-285NEP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
RS720 SIEMENS-RS720 Datasheet
820Kb / 8P
   Automatic fire detectors
06.2009
logo
Orister Corporation
RS7202 ORISTER-RS7202 Datasheet
480Kb / 7P
   250mA Low Quiescent Linear Regulator with Enable
RS7202-12GPHNEG ORISTER-RS7202-12GPHNEG Datasheet
480Kb / 7P
   250mA Low Quiescent Linear Regulator with Enable
RS7202-12GPHNEP ORISTER-RS7202-12GPHNEP Datasheet
480Kb / 7P
   250mA Low Quiescent Linear Regulator with Enable
RS7202-12GPLNEG ORISTER-RS7202-12GPLNEG Datasheet
480Kb / 7P
   250mA Low Quiescent Linear Regulator with Enable
More results

Similar Description - RS7200-285NEP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7202 ORISTER-RS7202 Datasheet
480Kb / 7P
   250mA Low Quiescent Linear Regulator with Enable
logo
ACE Technology Co., LTD...
ACE523C ACE-ACE523C Datasheet
657Kb / 8P
   250mA Low consumption Linear Regulator
VER 1.2
logo
Monolithic Power System...
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8061 BELLING-BL8061 Datasheet
691Kb / 10P
   250mA Low Consumption Linear Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
MP8902 MPS-MP8902 Datasheet
573Kb / 9P
   Low Dropout 250mA Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8062 BELLING-BL8062 Datasheet
839Kb / 6P
   250mA Low Consumption Linear Regulator
logo
Advanced Analog Technol...
AAT3223 AAT-AAT3223 Datasheet
153Kb / 17P
   250mA NanoPower??LDO Linear Regulator with Power-OK
logo
Advanced Analogic Techn...
AAT3223 ANALOGICTECH-AAT3223_06 Datasheet
153Kb / 17P
   250mA NanoPower??LDO Linear Regulator with Power-OK
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com