Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7110-15SJP Datasheet(PDF) 6 Page - Orister Corporation

Part # RS7110-15SJP
Description  1.5A Fixed Voltage LDO Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7110-15SJP Datasheet(HTML) 6 Page - Orister Corporation

  RS7110-15SJP Datasheet HTML 1Page - Orister Corporation RS7110-15SJP Datasheet HTML 2Page - Orister Corporation RS7110-15SJP Datasheet HTML 3Page - Orister Corporation RS7110-15SJP Datasheet HTML 4Page - Orister Corporation RS7110-15SJP Datasheet HTML 5Page - Orister Corporation RS7110-15SJP Datasheet HTML 6Page - Orister Corporation RS7110-15SJP Datasheet HTML 7Page - Orister Corporation RS7110-15SJP Datasheet HTML 8Page - Orister Corporation RS7110-15SJP Datasheet HTML 9Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Page No. : 6/9
DS‐RS7110‐03    September, 2009 
www.Orister.com
SOT‐223 Dimension 
 
NOTES: 
A. All linear dimensions are in millimeters (inches). 
B. This drawing is subject to change without notice. 
C.
Body dimensions do not include mold flash or protrusion. 
D. Falls within JEDEC TO‐261 variation AA. 


Similar Part No. - RS7110-15SJP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7110-15NEG ORISTER-RS7110-15NEG Datasheet
671Kb / 10P
   Low Power 300mA CMOS LDO with Enable
RS7110-15NEP ORISTER-RS7110-15NEP Datasheet
671Kb / 10P
   Low Power 300mA CMOS LDO with Enable
More results

Similar Description - RS7110-15SJP

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC8815 E-CMOS-EC8815 Datasheet
578Kb / 10P
   1.5A Fixed Voltage LDO Linear Regulator
logo
Fortune Semiconductor C...
FS1084 FORTUNE-FS1084 Datasheet
409Kb / 9P
   5.0A Adjustable & Fixed Voltage LDO Linear Regulator
FS8860 FORTUNE-FS8860 Datasheet
834Kb / 15P
   1.0A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Cherry Semiconductor Co...
CS52015-3 CHERRY-CS52015-3 Datasheet
159Kb / 6P
   1.5A, 3.3V Fixed Linear Regulator
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Orister Corporation
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
logo
Anaren Microwave
MSK5140 ANAREN-MSK5140 Datasheet
377Kb / 8P
   1.5A LOW NOISE, FIXED OUTPUT LDO REGULATOR
logo
DATEL, Inc.
LVR-7815LE DATEL-LVR-7815LE Datasheet
149Kb / 1P
   LDO Linear Voltage Regulator
LVR-7915LC-C DATEL-LVR-7915LC-C Datasheet
141Kb / 1P
   LDO Linear Voltage Regulator
LVR-7915L883 DATEL-LVR-7915L883 Datasheet
141Kb / 1P
   LDO Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com