Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS6511-12SEG Datasheet(PDF) 8 Page - Orister Corporation

Part # RS6511-12SEG
Description  3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS6511-12SEG Datasheet(HTML) 8 Page - Orister Corporation

Back Button RS6511-12SEG Datasheet HTML 2Page - Orister Corporation RS6511-12SEG Datasheet HTML 3Page - Orister Corporation RS6511-12SEG Datasheet HTML 4Page - Orister Corporation RS6511-12SEG Datasheet HTML 5Page - Orister Corporation RS6511-12SEG Datasheet HTML 6Page - Orister Corporation RS6511-12SEG Datasheet HTML 7Page - Orister Corporation RS6511-12SEG Datasheet HTML 8Page - Orister Corporation RS6511-12SEG Datasheet HTML 9Page - Orister Corporation RS6511-12SEG Datasheet HTML 10Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Page No. : 8/10
DS‐RS6511‐07    February, 2010 
www.Orister.com
SOP‐8(EP) Dimension 
 
NOTES: 
A. All linear dimensions are in millimeters (inches). 
B. This drawing is subject to change without notice. 
C.
Body length does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not 
exceed 0.006 (0.15) per end. 
D. Body width dimension does not include inter‐lead flash or protrusions. Inter‐lead flash and protrusions shall not exceed 
0.010 (0.25) per side. 
E.
The chamfer on the body is optional. If it is not present, a visual index feature must be located within the cross‐hatched 
area. 
F.
Lead dimension is the length of terminal for soldering to a substrate. 
G. The lead width, as measured 0.014 (0.36) or greater above the seating plane, shall not exceed a maximum value of 0.024 
(0.61). 
H. Lead to lead coplanarity shall be less than 0.004 (0.10) form Seating Plane. 
I.
Falls within JEDEC MS‐012 variation AA. 
 
 
 


Similar Part No. - RS6511-12SEG

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS6511-12SEG ORISTER-RS6511-12SEG Datasheet
577Kb / 10P
   3A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
More results

Similar Description - RS6511-12SEG

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS6509 ORISTER-RS6509 Datasheet
563Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6519 ORISTER-RS6519 Datasheet
605Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6507 ORISTER-RS6507 Datasheet
553Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6517 ORISTER-RS6517 Datasheet
603Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6510 ORISTER-RS6510 Datasheet
501Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6518 ORISTER-RS6518 Datasheet
543Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6512 ORISTER-RS6512 Datasheet
534Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6509A ORISTER-RS6509A Datasheet
580Kb / 10P
   3A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6511A ORISTER-RS6511A Datasheet
577Kb / 10P
   3A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6508A ORISTER-RS6508A Datasheet
517Kb / 10P
   2A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com