Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2051P Datasheet(PDF) 7 Page - Orister Corporation

Part # RS2051P
Description  Green-Mode PWM Controller with Frequency Jiggling for Low EMI
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS2051P Datasheet(HTML) 7 Page - Orister Corporation

Back Button RS2051P Datasheet HTML 3Page - Orister Corporation RS2051P Datasheet HTML 4Page - Orister Corporation RS2051P Datasheet HTML 5Page - Orister Corporation RS2051P Datasheet HTML 6Page - Orister Corporation RS2051P Datasheet HTML 7Page - Orister Corporation RS2051P Datasheet HTML 8Page - Orister Corporation RS2051P Datasheet HTML 9Page - Orister Corporation RS2051P Datasheet HTML 10Page - Orister Corporation RS2051P Datasheet HTML 11Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Page No. : 7/11
DS-RS2051-09 No v, 2010
www.Orister.com
OLP&SCP
To protect the circuit from being damaged under the over load or short circuit condition, a smart OLP&SCP function is
implemented in the RS2051. When short circuit or over load occurs in the output end, the feedback cycle would enhance the
voltage of FB pin, while the voltage is over 3.7V or the current from FB is below 170uA, the internal detective circuit would send
a signal to shut down the GATE and pull down the VDD voltage, then the circuit is restart. To avoid the wrong operation when
circuit starts, the delay time is set. When the RI resistance is 100Kohm, the delay time TOLP&SCP is between 33ms and 50ms.
The relationship between RI and TOLP&SCP follows the below equation.
)
mS
(
10
6
3
RI
T
)
mS
(
10
6
2
RI
3
SCP
&
OLP
3
×
×
<
<
×
×
Anti Intermission Surge
When the power supplies change the heavy load to light load immediately, there could be tow phenomena caused by system
delay. They are output voltage overshot and intermission surge. To avoid it, the anti intermission surge is built in the RS2051. If
it occurs, the FB current is to increase rapidly, the GATE would be cut off for a while, VDD pin voltage descends gradually.
When VDD reaches 9.4V, the GATE pin would operate again, which the frequency is 22KHz.
Leading-edge Blanking (LEB)
Each time the power MOSFET is switched on, a turn-on spike will inevitably occur at the Sense pin, which would disturb the
internal signal from the sampling of the RSENSE. There is a 300ns leading edge blanking time built in to avoid the effect of the
turn-on spike, and the power MOSFET cannot be switched off during the moment. So that the conventional external RC filtering
on sense input is no longer required.
Over Voltage Protection (OVP)
There is a 25.6V over-voltage protection circuit in the RS2051 to improve the credibility and extend the life of the chip. When the
VDD voltage is over 25.6V, the GATE pin is to shutdown immediately and the VDD voltage is to descend rapidly.
GATE Driver & Soft Clamped
The RS2051 output designs a totem pole to drive a periphery power MOSFET. The dead time is introduced to minimize the
transfixion current during the output operating. The novel soft clamp technology is introduced to protect the periphery power
MOSFET from breaking down and current saturation of the Zener.


Similar Part No. - RS2051P

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2051P ORISTER-RS2051P Datasheet
525Kb / 13P
   Novel Low Cost Green-Mode PWM Controller with Soft Start & Mode
logo
Princeton Technology Co...
RS2051P PTC-RS2051P Datasheet
547Kb / 5P
   Green-Mode PWM Controller with Frequency Jiggling
More results

Similar Description - RS2051P

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS2051 PTC-RS2051 Datasheet
547Kb / 5P
   Green-Mode PWM Controller with Frequency Jiggling
RS2042 PTC-RS2042 Datasheet
207Kb / 4P
   Green-Power PWM Controller with Frequency Jiggling
logo
Orister Corporation
RS2042 ORISTER-RS2042_08 Datasheet
178Kb / 8P
   Green-Power PWM Controller with Freq. Jiggling
logo
Holtek Semiconductor In...
HT7A6003 HOLTEK-HT7A6003_16 Datasheet
1Mb / 10P
   EMI-Improved Green Mode PWM Controller with Integrated Protections
HT7A6003 HOLTEK-HT7A6003 Datasheet
1Mb / 11P
   EMI-Improved Green Mode PWM Controller with Integrated Protections
logo
Alliance Semiconductor ...
ASM8P18S42 ALSC-ASM8P18S42 Datasheet
1Mb / 11P
   Voltage Mode PWM Controller with EMI Reduction
logo
Leadtrend Technology
LD7531 LEADTREND-LD7531 Datasheet
360Kb / 18P
   Green-Mode PWM Controller with Frequency Trembling and Integrated Protections
6/25/2008
logo
List of Unclassifed Man...
LD5530R ETC2-LD5530R Datasheet
538Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
logo
Leadtrend Technology
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com