Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2051S Datasheet(PDF) 6 Page - Orister Corporation

Part # RS2051S
Description  Green-Mode PWM Controller with Frequency Jiggling for Low EMI
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS2051S Datasheet(HTML) 6 Page - Orister Corporation

Back Button RS2051S Datasheet HTML 2Page - Orister Corporation RS2051S Datasheet HTML 3Page - Orister Corporation RS2051S Datasheet HTML 4Page - Orister Corporation RS2051S Datasheet HTML 5Page - Orister Corporation RS2051S Datasheet HTML 6Page - Orister Corporation RS2051S Datasheet HTML 7Page - Orister Corporation RS2051S Datasheet HTML 8Page - Orister Corporation RS2051S Datasheet HTML 9Page - Orister Corporation RS2051S Datasheet HTML 10Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Page No. : 6/11
DS-RS2051-09 No v, 2010
www.Orister.com
Internal Synchronized Slope Compensation
Although there are more advantages of the current mode control than conventional voltage mode control, there are still several
drawbacks of peak-sensing current-mode converter, especially the open loop instability when it operates in higher than 50% of
the duty-cycle. To solve this problem, the RS2051 is introduced an internal slope compensation adding voltage ramp to the
current sense input voltage for PWM generation. It improves the close loop stability greatly at CCM, prevents the sub-harmonic
oscillation and thus reduces the output ripple voltage.
DUTY
4389
.
0
DUTY
DUTY
33
.
0
V
MAX
SLOP
×
=
×
=
Slope Compensation
Current Sensing & Dynamic peak limiting
The current flowing by the power MOSFET comes into being a voltage VSENSE on the Sense pin cycle-by-cycle, which compares
to the internal reference voltage, and controls the reverse of the internal register, limits the peak current IMAX of the primary of
the transformer. The transformer energy is
2
MAX
I
L
2
1
E
×
×
=
. So adjusting the RSENSE can set the maximal output power of
the power supple. The current flowing by the power MOSFET has an extra value (
D
P
IN
T
L
V
I
×
=
Δ
) due to the system delay time
that is from detecting the current through the Sense pin to power MOSFET off in the RS2051 (Among these, VIN is the primary
winding voltage of the transformer and LP is the primary wind inductance). VIN ranges from 85VAC to 264VAC. To guarantee the
output power is a constant for universal input AC voltage, there is a dynamic peak limit circuit to compensate the system delay T
that the system delay brings on.
1.10
Duty Cycle
Vsense
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
10%20%30%40%50%60%70%80%90%
0%
Frequency Jiggling for EMI improvement
The Frequency Jiggling Technique is introduced in the RS2051. As following figure, the internal oscillation frequency is
modulated by itself. A whole surge cycle includes 128 pulses and the Jiggling ranges from -4% to +4%. Thus, the function could
minimize the electromagnetic interferer from the power supply module.
60K
65K
70K
Time
Frequency(HZ)
Frequency Jiggling for EMI


Similar Part No. - RS2051S

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2051S ORISTER-RS2051S Datasheet
525Kb / 13P
   Novel Low Cost Green-Mode PWM Controller with Soft Start & Mode
logo
Princeton Technology Co...
RS2051S PTC-RS2051S Datasheet
547Kb / 5P
   Green-Mode PWM Controller with Frequency Jiggling
More results

Similar Description - RS2051S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS2051 PTC-RS2051 Datasheet
547Kb / 5P
   Green-Mode PWM Controller with Frequency Jiggling
RS2042 PTC-RS2042 Datasheet
207Kb / 4P
   Green-Power PWM Controller with Frequency Jiggling
logo
Orister Corporation
RS2042 ORISTER-RS2042_08 Datasheet
178Kb / 8P
   Green-Power PWM Controller with Freq. Jiggling
logo
Holtek Semiconductor In...
HT7A6003 HOLTEK-HT7A6003_16 Datasheet
1Mb / 10P
   EMI-Improved Green Mode PWM Controller with Integrated Protections
HT7A6003 HOLTEK-HT7A6003 Datasheet
1Mb / 11P
   EMI-Improved Green Mode PWM Controller with Integrated Protections
logo
Alliance Semiconductor ...
ASM8P18S42 ALSC-ASM8P18S42 Datasheet
1Mb / 11P
   Voltage Mode PWM Controller with EMI Reduction
logo
Leadtrend Technology
LD7531 LEADTREND-LD7531 Datasheet
360Kb / 18P
   Green-Mode PWM Controller with Frequency Trembling and Integrated Protections
6/25/2008
logo
List of Unclassifed Man...
LD5530R ETC2-LD5530R Datasheet
538Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
logo
Leadtrend Technology
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com