Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2030B Datasheet(PDF) 3 Page - Orister Corporation

Part # RS2030B
Description  Lowest Cost Green-Power Off-Line PWM Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS2030B Datasheet(HTML) 3 Page - Orister Corporation

  RS2030B Datasheet HTML 1Page - Orister Corporation RS2030B Datasheet HTML 2Page - Orister Corporation RS2030B Datasheet HTML 3Page - Orister Corporation RS2030B Datasheet HTML 4Page - Orister Corporation RS2030B Datasheet HTML 5Page - Orister Corporation RS2030B Datasheet HTML 6Page - Orister Corporation RS2030B Datasheet HTML 7Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page No. : 3/7
DS-RS2030X-EN-02 Dec, 2008
www.Orister.com
Absolute Maximum Ratings
PARAMETER
VALUE
UNIT
VDD Pin Voltage
-0.3 ~ 6
V
VDD Current
20
mA
SW Pin Voltage
-0.3~30
V
SW Current
Internally limited
A
Maximum Power Dissipation (TO-92)
0.6
W
Operating Junction Temperature
-40 ~+150
oC
Storage Temperature
-55 ~+150
oC
Lead Temperature (Soldering, 10 sec)
300
oC
ESD Voltage (HBM)
5500
V
Electrical Characteristics (Ta=27°C unless otherwise noted, V
DD = 4.5V.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD Start Voltage
VSTART
Rising edge
5.20
5.40
5.60
V
SW Start Voltage
VSWST
8.00
8.60
9.20
V
VDD Under-voltage
Threshold
VUV
Falling edge
3.40
3.60
3.80
V
VDD Clamp Voltage
VVDD (Max)
IVDD=10mA
5.40
5.60
5.80
V
Startup Supply Current
IDDST
VDD = 4V before VUV
0.20
0.40
mA
VDD Supply Current
IDD
1.50
2.00
mA
RS2030A
62
67
72
Switching Frequency
fSW
RS2030B
90
100
110
kHz
Maximum Duty Cycle
DMAX
VDD = 5.0V
62.7
66.7
71.7
%
Minimum Duty Cycle
DMIN
VDD = 5.0V
3.5
%
380
400
420
Effective Current Limit
ILIM
VDD = VUV + 0.1V
760
800
840
mA
VDD to SW Current
Coefficient
GGAIN
0.29
A/V
VDD Dynamic Impedance
RVDD
9
kΩ
SW Driver On-Resistance
RSW
ISW=100mA
3.0
SW Rise Time
1nF load, 15Ω pull-up
30
ns
SW Fall Time
1nF load, 15Ω pull-up
20
ns
SW Switch Off Current
Driver off
5
10
uA


Similar Part No. - RS2030B

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2030B ORISTER-RS2030B Datasheet
292Kb / 7P
   Lowest Cost Green-Power Off-Line PWM Controller
More results

Similar Description - RS2030B

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2030X ORISTER-RS2030X Datasheet
292Kb / 7P
   Lowest Cost Green-Power Off-Line PWM Controller
logo
Dialog Semiconductor
IW1707 DIALOG-IW1707 Datasheet
1Mb / 13P
   Low-Power Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1676 RENESAS-IW1676 Datasheet
991Kb / 16P
   Low Power Off-Line Digital Green-Mode PWM Controller
18-Jan-2022
logo
Dialog Semiconductor
IW1815 DIALOG-IW1815 Datasheet
355Kb / 6P
   Off-Line Digital Green-Mode PWM Controller
IW1706 DIALOG-IW1706 Datasheet
1Mb / 11P
   Low-Power Off-Line Digital Green-Mode PWM Controller
IW1696 DIALOG-IW1696 Datasheet
979Kb / 11P
   Low-Power Off-line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1697 RENESAS-IW1697 Datasheet
958Kb / 12P
   Low-Power Off-Line Digital Green-Mode PWM Controller
January 18, 2022
IW1706 RENESAS-IW1706 Datasheet
972Kb / 15P
   Low-Power Off-Line Digital Green-Mode PWM Controller
22-Jan-2022
logo
Dialog Semiconductor
IW1697 DIALOG-IW1697 Datasheet
979Kb / 12P
   Low-Power Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1678 RENESAS-IW1678 Datasheet
908Kb / 11P
   Low-Power Off-line Digital Green-Mode PWM Controller
January 22, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com