Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2042 Datasheet(PDF) 4 Page - Orister Corporation

Part # RS2042
Description  Green-Power PWM Controller with Freq. Jiggling
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS2042 Datasheet(HTML) 4 Page - Orister Corporation

  RS2042_08 Datasheet HTML 1Page - Orister Corporation RS2042_08 Datasheet HTML 2Page - Orister Corporation RS2042_08 Datasheet HTML 3Page - Orister Corporation RS2042_08 Datasheet HTML 4Page - Orister Corporation RS2042_08 Datasheet HTML 5Page - Orister Corporation RS2042_08 Datasheet HTML 6Page - Orister Corporation RS2042_08 Datasheet HTML 7Page - Orister Corporation RS2042_08 Datasheet HTML 8Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page No. : 4/8
DS-RS2042-03
Dec, 2008
www.Orister.com
OPERATION DESCRIPTION
Start-Up Current & Operating Current
The typical start-up current is only 8μA. This allows a high resistance, low-wattage start-up resistor to be used, to
minimize power loss. A 1.5MOhms, 0.25W, start-up resistor and a 10μF/40V VDD hold-up capacitor would be
sufficient for an AC/DC adapter with a universal input range.
The required operating current has been reduced to 3.4mA. This results in higher efficiency and reduces the VDD
hold-up capacitance requirement.
Green-Power Mode Operation
The proprietary green-power mode function provides off-time modulation to continuously decrease the PWM
frequency under light-load conditions. To avoid acoustic-noise problem, the minimum PWM frequency set above
25KHz. This green-power mode function dramatically reduces power consumption under light-load and zero-load
conditions. Power supplies using a RS2042 controller can easily meet even the most restrictive international
regulations regarding standby power consumption.
Oscillator Operation
A resistor connected from the RI pin to GND pin generates a constant current source for the RS2042 controller.
This current is used to determine the center PWM frequency. Increasing the resistance will reduce PWM frequency.
Using a 26KΩ resistor RI results in a corresponding 67KHz PWM frequency. The relationship between RI and the
switching frequency is:
)
(
)
(
1742
KHz
K
R
f
I
PWM
RS2042 also integrates frequency Jiggling function internally. The frequency variation ranges from around 63KHz
to 70KHz for a center frequency 67kHz. The frequency jittering function helps reduce EMI emission of a power
supply with minimum line filters.
26
*
)
(
70
K
R
A
I
I
RT
Leading Edge Blanking
Each time the power MOSFET is switched on, a turn-on spike will inevitably occur at the sense-resistor. To avoid
premature termination of the switching pulse, a leading-edge blanking time is built in. During this blanking period,
the current-limit comparator is disabled, and it cannot switch off the gate drive.
Under-Voltage Lockout (UVLO)
The turn-on/turn-off thresholds are fixed internally at 12.4V/16.5V. To enable a RS2042 controller during start-up,
the hold-up capacitor must first be charged to 16.5V through the start-up resistor.
The hold-up capacitor will continue to supply VDD before energy can be delivered from the auxiliary winding of the
main transformer. VDD must not drop below 12.4V during this start-up process. This UVLO hysteresis window
ensures that the hold-up capacitor can adequately supply VDD during start-up.
Gate Output / Soft Driving
The RS2042 output stage is a fast totem pole gate driver. Cross-conduction has been avoided to minimize heat
dissipation, increase efficiency, and enhance reliability. The output driver is clamped by an internal 18V Zener
diode in order to protect the power MOSFET transistors from any harmful over-voltage gate signals. A soft driving
waveform is implemented to minimize EMI.


Similar Part No. - RS2042_08

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2042P ORISTER-RS2042P Datasheet
233Kb / 8P
   Green-Power PWM Controller with Freq,. Jittering
logo
Princeton Technology Co...
RS2042P PTC-RS2042P Datasheet
207Kb / 4P
   Green-Power PWM Controller with Frequency Jiggling
logo
Orister Corporation
RS2042S ORISTER-RS2042S Datasheet
233Kb / 8P
   Green-Power PWM Controller with Freq,. Jittering
logo
Princeton Technology Co...
RS2042S PTC-RS2042S Datasheet
207Kb / 4P
   Green-Power PWM Controller with Frequency Jiggling
More results

Similar Description - RS2042_08

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS2042 PTC-RS2042 Datasheet
207Kb / 4P
   Green-Power PWM Controller with Frequency Jiggling
logo
Orister Corporation
RS2042 ORISTER-RS2042 Datasheet
233Kb / 8P
   Green-Power PWM Controller with Freq,. Jittering
logo
Princeton Technology Co...
RS2051 PTC-RS2051 Datasheet
547Kb / 5P
   Green-Mode PWM Controller with Frequency Jiggling
logo
Orister Corporation
RS2051 ORISTER-RS2051_10 Datasheet
334Kb / 11P
   Green-Mode PWM Controller with Frequency Jiggling for Low EMI
logo
List of Unclassifed Man...
OB2358 ETC2-OB2358 Datasheet
365Kb / 9P
   Current Mode PWM Power Switch Freq Shuffling
logo
AiT Semiconductor Inc.
AP2358 AITSEMI-AP2358 Datasheet
906Kb / 12P
   CURRENT MODE PWM POWER SWITCH FREQ SHUFFLING
REV1.1
logo
List of Unclassifed Man...
LW4933 ETC-LW4933 Datasheet
243Kb / 6P
   POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
Rev.A1.0
logo
Princeton Technology Co...
RS2052 PTC-RS2052 Datasheet
545Kb / 5P
   100mW Standby Power Green PWM Controller
logo
Micro Linear Corporatio...
ML4802 MICRO-LINEAR-ML4802 Datasheet
299Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Leadtrend Technology
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com