Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS6508A-ADSP Datasheet(PDF) 8 Page - Orister Corporation

Part # RS6508A-ADSP
Description  2A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS6508A-ADSP Datasheet(HTML) 8 Page - Orister Corporation

Back Button RS6508A-ADSP Datasheet HTML 2Page - Orister Corporation RS6508A-ADSP Datasheet HTML 3Page - Orister Corporation RS6508A-ADSP Datasheet HTML 4Page - Orister Corporation RS6508A-ADSP Datasheet HTML 5Page - Orister Corporation RS6508A-ADSP Datasheet HTML 6Page - Orister Corporation RS6508A-ADSP Datasheet HTML 7Page - Orister Corporation RS6508A-ADSP Datasheet HTML 8Page - Orister Corporation RS6508A-ADSP Datasheet HTML 9Page - Orister Corporation RS6508A-ADSP Datasheet HTML 10Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Page No. : 8/10
DS‐RS6508A‐05    February, 2010 
www.Orister.com
SOP‐8 Dimension 
 
NOTES: 
A. All linear dimensions are in millimeters (inches). 
B. This drawing is subject to change without notice. 
C.
Body length does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not 
exceed 0.006 (0.15) per end. 
D. Body width does not include interlead flash. Interlead flash shall not exceed 0.017 (0.43) per side. 
E.
Falls within JEDEC MS‐012 variation AA. 
 
 
 


Similar Part No. - RS6508A-ADSP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS6501 ORISTER-RS6501 Datasheet
486Kb / 8P
   150KHz, 40V, 2A PWM Buck DC/DC Converter
logo
Princeton Technology Co...
RS6501 PTC-RS6501 Datasheet
221Kb / 3P
   150KHz, 40V, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS6501-12SEG ORISTER-RS6501-12SEG Datasheet
486Kb / 8P
   150KHz, 40V, 2A PWM Buck DC/DC Converter
RS6501-12SEP ORISTER-RS6501-12SEP Datasheet
486Kb / 8P
   150KHz, 40V, 2A PWM Buck DC/DC Converter
logo
Princeton Technology Co...
RS6501-12SG PTC-RS6501-12SG Datasheet
221Kb / 3P
   150KHz, 40V, 2A PWM Buck DC/DC Converter
More results

Similar Description - RS6508A-ADSP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS6510A ORISTER-RS6510A Datasheet
517Kb / 10P
   2A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6512A ORISTER-RS6512A Datasheet
514Kb / 10P
   2A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6509A ORISTER-RS6509A Datasheet
580Kb / 10P
   3A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6511A ORISTER-RS6511A Datasheet
577Kb / 10P
   3A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6510 ORISTER-RS6510 Datasheet
501Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6518 ORISTER-RS6518 Datasheet
543Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6512 ORISTER-RS6512 Datasheet
534Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6509 ORISTER-RS6509 Datasheet
563Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6519 ORISTER-RS6519 Datasheet
605Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6511 ORISTER-RS6511 Datasheet
602Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com