Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

RS6501 Datasheet(PDF) 3 Page - Orister Corporation

Part No. RS6501
Description  150KHz, 40V, 2A PWM Buck DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ORISTER [Orister Corporation]
Homepage  http://www.orister.com
Logo 

RS6501 Datasheet(HTML) 3 Page - Orister Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page No. : 3/8
DS‐RS6501‐06    September, 2010 
www.Orister.com
Absolute Maximum Ratings (Note1) 
Parameter 
Symbol 
Value 
Unit 
Supply Voltage 
VCC 
40 
On/Off Pin Input Voltage 
VSD ‐0.3~+25 
Feedback Pin Voltage 
VFB ‐0.3~+25 
Output Voltage to Ground 
VOUT ‐1 
Power Dissipation 
PD 
Internally Limited 
Operating Temperature 
Topr 
0~+70 
o
Storage Temperature 
Tstg ‐65~+150 
o
Operating Junction Temperature Range 
TJ ‐40~+125 
o
Operating Voltage 
VOP 
+4.5~+40 
Electrical Characteristics (Continued) 
Specifications with boldface type apply over for full operating temperature range, the other type are for TJ=25oC
(Note 2) 
Part No. 
Parameter 
Symbol 
Conditions 
Min. 
Typ.  
Max. 
Unit 
Output Voltage 
VOUT 
5V≤VIN≤40V, 0.2A≤ILOAD≤2A     3.135 
3.3 
3.465
RS6501‐3.3V 
Efficiency 
η 
VIN =12V, ILOAD=2A ‐ 
72 ‐ 
Output Voltage 
VOUT 
7V≤VIN≤40V, 0.2A≤ILOAD≤2A     4.750 
5.0     5.250
RS6501‐5.0V 
Efficiency 
η 
VIN=12V, ILOAD=2A ‐ 
79 ‐ 
Output Voltage 
VOUT 
15V≤VIN≤40V, 0.2A≤ILOAD≤2A 
11.40 
12.0     12.60
RS6501‐12V 
Efficiency 
η 
VIN=25V, ILOAD=2A ‐ 
90 ‐ 
Reference Voltage 
VFB 
4.5V≤VIN≤40V, 0.2A≤ILOAD≤2A 
VOUT programmed for 3V 
1.193 
1.230 
1.280
RS6501‐ADJ 
Efficiency 
η 
VIN=12V, ILOAD=2A ‐ 
72 ‐ 
All Output Voltage Versions Electrical Characteristics 
Specifications with boldface type apply over for full operating temperature range, the other type are for TJ=25
o
(Unless otherwise specified, VIN=12V for the 3.3V, 5V, and adjustable version and VIN=24V for the 12V version, ILOAD=500mA) 
Parameter 
Symbol 
Test Condition 
Min. 
Typ. 
Max.
Unit 
Device Parameters 
Feedback Bias Current 
Ib 
Adjustable Version Only, VFB=1.3V ‐ 
40 
50   
100 
nA 
Oscillator Frequency 
fO 
(Note 5) 
127   
110 
150 
173  
173 
KHz 
Saturation Voltage 
VSAT 
IOUT=2A (Note 6,7) ‐ 
1.16 
1.4   
1.5 
Max. Duty Cycle (ON) 
Min. Duty Cycle (OFF) 
DC 
(Note 7)               
(Note 8) 
‐ 
100   
‐ 
Current Limit 
ICL 
Peak Current (Note 6,7) 
3.6
 
Output Leakage Current 
IL 
Output=0V (Note 6,8) ‐ 
‐ 
50 
uA 
Quiescent Current 
IQ 
(Note 8) ‐ 
30 
mA 
Standby Quiescent Current 
ISTBY 
ON/OFF pin=5V (Note 9) ‐ 
85 
200   
300 
uA 
θ
JC 
SOP‐8 
Junction to Case ‐ 
15 ‐ 
oC/W
Thermal Resistance 
θ
JA (Note 10)
SOP‐8 
Junction to ambient ‐ 
70 ‐ 
oC/W
ON/OFF Control 
VIH 
Low (Regulator ON) ‐ 
0.6 
ON/OFF Pin Logic Input Threshold Voltage 
VIL 
High (Regulator OFF) 
2.0 
1.4 
‐ 
IIH 
VLOGIC=2.5V (Regulator OFF) ‐ 
15 
ON/OFF Pin Input Current 
IIL 
VLOGIC=0.5V (Regulator ON) ‐ 
0.02 
uA 
 


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn