Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS431ANG Datasheet(PDF) 2 Page - Orister Corporation

Part # RS431ANG
Description  Adjustable Precision Shunt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS431ANG Datasheet(HTML) 2 Page - Orister Corporation

  RS431ANG Datasheet HTML 1Page - Orister Corporation RS431ANG Datasheet HTML 2Page - Orister Corporation RS431ANG Datasheet HTML 3Page - Orister Corporation RS431ANG Datasheet HTML 4Page - Orister Corporation RS431ANG Datasheet HTML 5Page - Orister Corporation RS431ANG Datasheet HTML 6Page - Orister Corporation RS431ANG Datasheet HTML 7Page - Orister Corporation RS431ANG Datasheet HTML 8Page - Orister Corporation RS431ANG Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Page No. : 2/10
DS‐RS431‐09    September,  2009 
www.Orister.com
Pin Assignments 
SOT‐23 
TO‐92 
(STRAIGHT LEAD OPTION) 
TO‐92 
(FORMED LEAD OPTION) 
PACKAGE 
PIN 
DESCRIPTION 
REFERENCE 
CATHODE 
SOT‐23 
ANODE 
 
PACKAGE 
PIN 
DESCRIPTION 
REFERENCE 
CATHODE
 
TO‐92 
ANODE 
Ordering Information 
DEVICE 
DEVICE CODE 
RS431 X YY Z 
X is Reference voltage precision designator: 
A: 2.5V ±0.4% 
B: 2.5V ±0.8% 
YY is package designator : 
A: TO‐92 (Straight lead option) 
AT: TO‐92 (Formed lead option) 
N: SOT‐23 
Z is Lead Free designator : 
P: Commercial Standard, Lead (Pb) Free and Phosphorous (P) Free Package 
G: Green (Halogen Free with Commercial Standard) 
Block Diagram 
 
Functional Block Diagram
Symbol
Reference
Anode
Cathode


Similar Part No. - RS431ANG

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS431ANG PTC-RS431ANG Datasheet
297Kb / 4P
   Adjustable Precision Shunt Regulator
More results

Similar Description - RS431ANG

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com