Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2138PP Datasheet(PDF) 7 Page - Orister Corporation

Part # RS2138PP
Description  High Precision CC/CV Primary?륲ide PWM Power Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS2138PP Datasheet(HTML) 7 Page - Orister Corporation

Back Button RS2138PP Datasheet HTML 2Page - Orister Corporation RS2138PP Datasheet HTML 3Page - Orister Corporation RS2138PP Datasheet HTML 4Page - Orister Corporation RS2138PP Datasheet HTML 5Page - Orister Corporation RS2138PP Datasheet HTML 6Page - Orister Corporation RS2138PP Datasheet HTML 7Page - Orister Corporation RS2138PP Datasheet HTML 8Page - Orister Corporation RS2138PP Datasheet HTML 9Page - Orister Corporation RS2138PP Datasheet HTML 10Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Page No. : 7/10
DS‐RS2138‐03    September,  2009 
www.Orister.com
Refer to the equation 3, the change of the primary winding inductance results in the change of the maximum output power 
and the constant output current in CC mode. To compensate the change from variations of primary winding inductance, the 
switching frequency is locked by an internal loop such that the switching frequency is 
 
DEMAG
SW
T
2
1
F
=
 
 
Since  TDemag  is inversely  proportional  to  the  inductance,  as  a  result, the product  LP  and Fsw  is  constant,  thus the  maximum 
output  power  and  constant  current  in  CC  mode  will  not  change  as  primary  winding  inductance  changes.  Up  to  +/‐10% 
variation of the primary winding inductance can be compensated. 
 
Frequency Jiggling for EMI improvement 
The Frequency Jiggling (switching frequency modulation) is implemented in RS2138. The oscillation frequency is modulated 
so  that  the  tone  energy  is  spread  out.  The  spread  spectrum  minimizes  the  conduction  band  EMI  and  therefore  eases  the 
system design. 
 
Current Sensing and Leading Edge Blanking 
Cycle‐by‐Cycle current limiting is offered in RS2138 current mode PWM control. The switch current is detected by a sense 
resistor into the CS pin. An internal leading edge blanking circuit chops off the sensed voltage spike at initial internal power 
MOSFET on state so that the external RC filtering on sense input is no longer needed. The PWM duty cycle is determined by 
the current sense input voltage and the EA output voltage. 
 
Gate Drive 
The internal power MOSFET in RS2138 is driven by a dedicated gate driver for power switch control. Too weak the gate drive 
strength results in higher conduction and switch loss of MOSFET while too strong gate drive compromises EMI. 
 
A good tradeoff is achieved through the built‐in totem pole gate design with right output strength control. 
 
Programmable Cable drop Compensation 
In RS2138, cable drop compensation is implemented to achieve good load regulation. An offset voltage is generated at INV by 
an internal current flowing into the resister divider. The current is inversely proportional to the voltage across pin COMP, as a 
result, it is inversely proportional to the output load current, thus the drop due to the cable loss can be compensated. As the 
load  current  decreases  from  full‐load  to  no‐load,  the  offset  voltage  at  INV  will  increase.  It  can  also  be  programmed  by 
adjusting the resistance of the divider to compensate the drop for various cable lines used. 
 
Protection Control 
Good  power  supply  system  reliability  is  achieved  with  its  rich  protection  features  including  Cycle‐by‐Cycle  current  limiting 
(OCP), VDD clamp, Power on Soft Start, and Under Voltage Lockout on VDD(UVLO). 
 
VDD is supplied by transformer auxiliary winding output. The output of RS2138 is shut down when VDD drops below UVLO 
(ON) limit and Switcher enters power on start‐up sequence thereafter. 
 
 
 
 
 
 
 
 
 


Similar Part No. - RS2138PP

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS2138PP PTC-RS2138PP Datasheet
251Kb / 4P
   High Precision CC/CV Primary-Side PWM Power Switch
More results

Similar Description - RS2138PP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2135SP ORISTER-RS2135SP Datasheet
550Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Power Switch
RS2136 ORISTER-RS2136 Datasheet
385Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Power Switch
RS2132 ORISTER-RS2132 Datasheet
598Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Controller
logo
Unisonic Technologies
UCS3654 UTC-UCS3654_16 Datasheet
226Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3651S UTC-UCSR3651S_16 Datasheet
247Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651S UTC-USR3651S_18 Datasheet
261Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651 UTC-USR3651 Datasheet
242Kb / 8P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USRB02 UTC-USRB02 Datasheet
224Kb / 7P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCS3654 UTC-UCS3654 Datasheet
217Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651S UTC-USR3651S Datasheet
219Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com