Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2135SP Datasheet(PDF) 5 Page - Orister Corporation

Part # RS2135SP
Description  High Precision CC/CV Primary?륲ide PWM Power Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS2135SP Datasheet(HTML) 5 Page - Orister Corporation

  RS2135SP Datasheet HTML 1Page - Orister Corporation RS2135SP Datasheet HTML 2Page - Orister Corporation RS2135SP Datasheet HTML 3Page - Orister Corporation RS2135SP Datasheet HTML 4Page - Orister Corporation RS2135SP Datasheet HTML 5Page - Orister Corporation RS2135SP Datasheet HTML 6Page - Orister Corporation RS2135SP Datasheet HTML 7Page - Orister Corporation RS2135SP Datasheet HTML 8Page - Orister Corporation RS2135SP Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Page No. : 5/10
DS‐RS2135‐03    September,  2009 
www.Orister.com
Detail Description 
RS2135 is a cost effective PWM power switch optimized for off‐line low power AC/DC applications including battery chargers 
and  adaptors.  It  operates  in  primary  side  sensing  and  regulation,  thus  opto‐coupler  and  431  are  not  required.  Proprietary 
built‐in  CV  and  CC  control  can  achieve  high  precision  CC/CV  control  meeting  most  adaptor  and  charger  application 
requirements. 
 
Startup Current and Start up Control 
Startup current of RS2135 is designed to be very low so that VDD could be charged up above UVLO threshold and starts up 
quickly. A large value startup resistor can therefore be used to minimize the power loss in application. 
 
Operating Current 
The Operating current of RS2135 is as low as 2.5mA. Good efficiency is achieved with the low operating current together with 
Multi‐mode control features. 
 
Soft Start 
RS2135 features an internal soft start to minimize the component electrical over‐stress during power on startup. As soon as 
VDD  reaches  UVLO  (OFF),  the  control  algorithm  will  ramp  peak  current  voltage  threshold  gradually  from  nearly  zero  to 
normal setting of 0.90V. Every restart is a soft start. 
 
CC/CV Operation 
RS2135 is designed to produce good CC/CV control characteristic as shown in the Fig. 1. 
 
In charger applications, a discharged battery charging starts in the CC portion of the curve until it is nearly full charged and 
smoothly switches to operate in CV portion of the curve. 
 
In  an  AC/DC  adapter,  the  normal  operation  occurs  only  on  the  CV  portion  of  the  curve.  The  CC  portion  provides  output 
current  limiting.  In  CV  operation,  the output  voltage  is  regulated  through  the primary  side control.  In CC  operation  mode, 
RS2135 will regulate the output current constant regardless of the output voltage drop. 
 
Principle of Operation 
To support RS2135 proprietary CC/CV control, system needs to be designed in DCM mode for flyback system (Refer to Typical 
Application Diagram). 
 
In the DCM flyback converter, the output voltage can be sensed via the auxiliary winding. During MOSFET turn‐on time, the 
load  current  is  supplied  from  the  output  filter  capacitor  CO.  The  current  in  the  primary  winding  ramps  up.  When  MOSFET 
turns off, the primary current transfers to the secondary at the amplitude of 
 
P
S
P
S
I
N
N
I
×
=
 
 
The auxiliary voltage reflects the output voltage as shown in fig.2 and it is given by 
 
)
V
V
(
N
N
V
O
S
AUX
AUX
Δ
+
×
=
 
 
Where ΔV indicates the drop voltage of the output Diode. 
 


Similar Part No. - RS2135SP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2132 ORISTER-RS2132 Datasheet
598Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Controller
RS2132NFG ORISTER-RS2132NFG Datasheet
598Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Controller
RS2132NFP ORISTER-RS2132NFP Datasheet
598Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Controller
RS2136 ORISTER-RS2136 Datasheet
385Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Power Switch
RS2136PG ORISTER-RS2136PG Datasheet
385Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Power Switch
More results

Similar Description - RS2135SP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2138 ORISTER-RS2138 Datasheet
519Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Power Switch
RS2136 ORISTER-RS2136 Datasheet
385Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Power Switch
RS2132 ORISTER-RS2132 Datasheet
598Kb / 10P
   High Precision CC/CV Primary?륲ide PWM Controller
logo
Unisonic Technologies
UCS3654 UTC-UCS3654_16 Datasheet
226Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3651S UTC-UCSR3651S_16 Datasheet
247Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651S UTC-USR3651S_18 Datasheet
261Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651 UTC-USR3651 Datasheet
242Kb / 8P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USRB02 UTC-USRB02 Datasheet
224Kb / 7P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCS3654 UTC-UCS3654 Datasheet
217Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651S UTC-USR3651S Datasheet
219Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com