Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2912CDDB-2 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2912CDDB-2
Description  Single UV/OV Voltage Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2912CDDB-2 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2912CDDB-2 Datasheet HTML 2Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 3Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 4Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 5Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 6Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 7Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 8Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 9Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC2912
6
2912fa
BLOCK DIAGRAM
0.5V
3
VL
2
VH
+
UVLO
UVLO
2V
VCC
+
1V
VCC
OV PULSE
GENERATOR
DISABLE
DISABLE
OV LATCH
CLEAR/BYPASS
LTC2912-1, LTC2912-3
TMR
VCC
4
OV/OV
6
LATCH
8
1V
2μA
DIS
8
GND
2912 BD
5
1
UV PULSE
GENERATOR
OSCILLATOR
VCC
400k
UV
7
400k
LTC2912-1
LTC2912-2
LTC2912-3
LTC2912-2
OV (Pin 6/Pin 3, LTC2912-3): Overvoltage Logic Output.
Asserts high with a weak internal pull-up to VCC when the
VL input is above threshold. Latches high. May be pulled
above VCC using an external pull-up. Leave pin open if
unused.
TMR (Pin 4/Pin 5): Reset Delay Timer. Attach an external
capacitor (CTMR) of at least 10pF to GND to set a reset
delay time of 9ms/nF. A 1nF capacitor will generate an
8.5ms reset delay time. Tie pin to VCC to bypass timer.
UV (Pin 7/Pin 2): Undervoltage Logic Output. Asserts low
when the VH input voltage is below threshold. Held low for
a programmed delay time after the VH input is valid. Pin
has a weak pull-up to VCC and may be pulled above VCC
using an external pull-up. Leave pin open if unused.
VCC (Pin 1/Pin 8): Supply Voltage. Bypass this pin to
GND with a 0.1μF (or greater) capacitor. Operates as a
direct supply input for voltages up to 6V. Operates as a
shunt regulator for supply voltages greater than 6V and
should have a resistance between the pin and the supply
to limit input current to no greater than 10mA. When used
without a current-limiting resistance, pin voltage must
not exceed 6V.
VH (Pin 2/Pin 7): Voltage High Input. When the voltage
on this pin is below 0.5V, an undervoltage condition is
triggered. Tie pin to VCC if unused.
VL (Pin 3/Pin 6): Voltage Low Input. When the voltage on
this pin is above 0.5V, an overvoltage condition is triggered.
Tie pin to GND if unused.
PIN FUNCTIONS (DFN/TSOT Packages)


Similar Part No. - LTC2912CDDB-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2912CDDB-2 LINER-LTC2912CDDB-2 Datasheet
173Kb / 12P
   Single UV/OV Voltage Monitor
More results

Similar Description - LTC2912CDDB-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2912 LINER-LTC2912_15 Datasheet
228Kb / 14P
   Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912 Datasheet
173Kb / 12P
   Single UV/OV Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
281Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2913 LINER-LTC2913_15 Datasheet
181Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
   Quad UV/OV Positive/Negative Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
   Quad UV/OV Positive/Negative Voltage Monitor
logo
Analog Devices
ADCMP671 AD-ADCMP671 Datasheet
312Kb / 16P
   Low Power, Adjustable UV and OV Monitor
REV. 0
logo
Linear Technology
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909_15 Datasheet
196Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com