Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS431 Datasheet(PDF) 3 Page - Orister Corporation

Part # RS431
Description  Adjustable Precision Shunt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS431 Datasheet(HTML) 3 Page - Orister Corporation

  RS431_09 Datasheet HTML 1Page - Orister Corporation RS431_09 Datasheet HTML 2Page - Orister Corporation RS431_09 Datasheet HTML 3Page - Orister Corporation RS431_09 Datasheet HTML 4Page - Orister Corporation RS431_09 Datasheet HTML 5Page - Orister Corporation RS431_09 Datasheet HTML 6Page - Orister Corporation RS431_09 Datasheet HTML 7Page - Orister Corporation RS431_09 Datasheet HTML 8Page - Orister Corporation RS431_09 Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Page No. : 3/10
DS‐RS431‐09    September,  2009 
www.Orister.com
Absolute Maximum Ratings (Operating temperature range applies unless otherwise specified) 
Characteristics 
Symbol 
Value 
Unit
Cathode Voltage 
VKA 
40 
Cathode Current Range (Continuous) 
IK ‐100 ‐ +150 
mA 
Reference Input Current Range 
IREF 
0.05 ‐ +10 
mA 
SOT‐23 
370 
TO‐92 
770 
‐‐ 
‐‐ 
Power Dissipation 
PD 
‐‐ 
‐‐ 
mW
Operating Temperature Range (Max.) 
TOPR ‐40 ‐ +125 
o
Storage Temperature Range 
TSTG ‐65 ‐ +150 
o
Operating Conditions 
Characteristics 
Symbol 
Min. 
Max. 
Unit
Cathode Voltage 
VKA 
VREF 
36 
Cathode Current Range (Continuous) 
IK 
100 
mA 
Operating Ambient Temperature Range 
TOPR ‐40 
125 
o
Electrical Characteristics (T
A=25°C, unless otherwise specified) 
Characteristics 
Symbol 
Test Conditions 
Min 
Typ 
Max 
Unit
2.5V ±0.4% 
2.49 
2.50 
2.51 
Reference Input Voltage (Fig1) 
2.5V ±0.8% 
VREF 
VK=VREF, IK=10mA 
2.48 
2.50 
2.52 
Deviation of Reference Input Voltage Over‐
Temperature (Fig1) 
VREF(dev) 
VK=VREF, IK=10mA 
TMIN≤TA≤TMAX (‐40 ‐ +125
oC) 
‐ 
4.5 
16 
mV 
IK=10mA,, ΔVK=10V to VREF ‐ 
1.0 
2.7 
mV/V
Ratio of Change in Reference Input Voltage to the 
Change in Cathode Voltage (Fig2) 
ΔV
REF/ΔVK
IK=10mA,, ΔVK=36V to 10V ‐ 
0.5 
2.0 
mV/V
Reference Input Current (Fig2) 
IREF 
IK=10mA, R1=10KΩ, R2=∞ 
‐ 
0.7 
uA 
Deviation of Reference Input Current Over Full 
Temperature Range (Fig2) 
IREF(dev) 
IK=10mA, R1=10KΩ 
R2=∞, Ta=‐40 ‐ +125
o
‐ 
0.4 
1.2 
uA 
Minimum Cathode Current for Regulation (Fig1) 
IK(min) 
VK=VREF ‐ 
0.4 
1.0 
mA 
Off‐State Cathode Current (Fig3) 
IK(off) 
VK=36V, VREF=0 ‐ 
0.05 
1.0 
uA 
Dynamic Output Impedance (Fig1) 
ZK 
VK=VREF, f≤1kHz, IK=1 to 100mA ‐ 
0.15 
0.5 Ω 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 


Similar Part No. - RS431_09

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS431AA ORISTER-RS431AA Datasheet
757Kb / 8P
   Adjustable Precision Shunt Regulator
logo
Princeton Technology Co...
RS431AAG PTC-RS431AAG Datasheet
297Kb / 4P
   Adjustable Precision Shunt Regulator
RS431AAP PTC-RS431AAP Datasheet
297Kb / 4P
   Adjustable Precision Shunt Regulator
RS431AATG PTC-RS431AATG Datasheet
297Kb / 4P
   Adjustable Precision Shunt Regulator
RS431AATP PTC-RS431AATP Datasheet
297Kb / 4P
   Adjustable Precision Shunt Regulator
More results

Similar Description - RS431_09

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com