Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1871EMS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1871EMS
Description  Current Mode Boost Flyback and SEPIC Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1871EMS Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1871EMS Datasheet HTML 2Page - Linear Technology LTC1871EMS Datasheet HTML 3Page - Linear Technology LTC1871EMS Datasheet HTML 4Page - Linear Technology LTC1871EMS Datasheet HTML 5Page - Linear Technology LTC1871EMS Datasheet HTML 6Page - Linear Technology LTC1871EMS Datasheet HTML 7Page - Linear Technology LTC1871EMS Datasheet HTML 8Page - Linear Technology LTC1871EMS Datasheet HTML 9Page - Linear Technology LTC1871EMS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTC1871
6
1871fe
TYPICAL PERFORMANCE CHARACTERISTICS
RUN Thresholds vs VIN
RUN Thresholds vs Temperature
RT vs Frequency
Frequency vs Temperature
Maximum Sense Threshold
vs Temperature
SENSE Pin Current
vs Temperature
INTVCC Load Regulation
INTVCC Line Regulation
INTVCC Dropout Voltage
vs Current, Temperature
VIN (V)
0
1.2
1.3
1.4
10
20
30
40
1871 G10
1.5
TEMPERATURE (°C)
–50
1.30
1.35
150
1871 G11
1.25
1.20
0
50
100
–25
25
75
125
1.40
FREQUENCY (kHz)
100
300
1000
1871 G12
10
100
200
1000
900
800
700
600
500
400
0
TEMPERATURE (°C)
–50
275
280
290
295
300
325
310
0
50
75
1871 G13
285
315
320
305
–25
25
100 125
150
TEMPERATURE (°C)
–50
140
145
150
155
160
–25
0
25
50
1871 G14
75
100 125 150
TEMPERATURE (°C)
–50
25
30
35
0
50
75
1871 G15
–25
25
100 125
150
GATE HIGH
VSENSE = 0V
INTVCC LOAD (mA)
0
5.2
30
50
80
1871 G16
5.1
5.0
10
20
40
60
70
VIN = 7.5V
VIN (V)
0
5.1
5.2
5.3
10
20
30
40
1871 G17
5.4
515
25
35
INTVCC LOAD (mA)
0
0
50
150
200
250
500
350
5
10
1871 G18
100
400
450
300
15
20
150°C
75°C
125°C
25°C
–50°C
0°C


Similar Part No. - LTC1871EMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1871EMS LINER-LTC1871EMS Datasheet
411Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871EMS LINER-LTC1871EMS Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost,
LTC1871EMS LINER-LTC1871EMS Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871EMS LINER-LTC1871EMS Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871EMS-1 LINER-LTC1871EMS-1 Datasheet
517Kb / 36P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
More results

Similar Description - LTC1871EMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1871-7 LINER-LTC1871-7_15 Datasheet
393Kb / 34P
   High Input Voltage, Current Mode Boost, Flyback and SEPIC Controller
LTC1871-7 LINER-LTC1871-7 Datasheet
455Kb / 32P
   High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
LT3757 LINER-LT3757 Datasheet
496Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757MPMSE LINER-LT3757MPMSE Datasheet
396Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757A LINER-LT3757A_15 Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757IMSE LINER-LT3757IMSE Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757 LINER-LT3757_15 Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com