Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL9N7030BLP3 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. ISL9N7030BLP3
Description  30V, 0.009 Ohm, 75A, N-Channel Logic Level UltraFET Trench Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9N7030BLP3 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button ISL9N7030BLP3 Datasheet HTML 2Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 3Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 4Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 5Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 6Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 7Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 8Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 9Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
ISL9N7030BLP3, ISL9N7030BLS3ST Rev. B
Thermal Resistance vs. Mounting Pad Area
The maximum rated junction temperature, TJM, and the
thermal resistance of the heat dissipating path determines the
maximum allowable device power dissipation, PDM, in an
application. Therefore the application’s ambient temperature,
TA (
oC), and thermal resistance RθJA (oC/W) must be reviewed
to ensure that TJM is never exceeded. Equation 1
mathematically represents the relationship and serves as the
basis for establishing the rating of the part.
In using surface mount devices such as the TO-263
package, the environment in which it is applied will have a
significant influence on the part’s current and maximum
power dissipation ratings. Precise determination of PDM is
complex and influenced by many factors:
1. Mounting pad area onto which the device is attached and
whether there is copper on one side or both sides of the
board.
2. The number of copper layers and the thickness of the board.
3. The use of external heat sinks.
4. The use of thermal vias.
5. Air flow and board orientation.
6. For non steady state applications, the pulse width, the
duty cycle and the transient thermal response of the part,
the board and the environment they are in.
Fairchild provides thermal information to assist the
designer’s preliminary application evaluation. Figure 19
defines the RθJA for the device as a function of the top
copper (component side) area. This is for a horizontally
positioned FR-4 board with 1oz copper after 1000 seconds
of steady state power with no air flow. This graph provides
the necessary information for calculation of the steady state
junction temperature or power dissipation. Pulse applications
can be evaluated using the Fairchild device Spice thermal
model or manually utilizing the normalized maximum
transient thermal impedance curve.
Displayed on the curve are RθJA values listed in the Electrical
Specifications table. The points were chosen to depict the
compromise between the copper board area, the thermal
resistance and ultimately the power dissipation, PDM.
Thermal resistances corresponding to other copper areas can
be obtained from Figure 19 or by calculation using Equation 2.
RθJA is defined as the natural log of the area times a coefficient
added to a constant. The area, in square inches is the top
copper area including the gate and source pads.
FIGURE 17. SWITCHING TIME TEST CIRCUIT
FIGURE 18. SWITCHING TIME WAVEFORM
Test Circuits and Waveforms (Continued)
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
(EQ. 1)
P
DM
T
JM
T
A
()
ZθJA
-------------------------------
=
(EQ. 2)
RθJA
26.51
19.84
0.262
Area
+
()
----------------------------------------
+
=
20
40
60
80
110
0.1
RθJA = 26.51+ 19.84/(0.262+Area)
AREA, TOP COPPER AREA (in2)
FIGURE 19. THERMAL RESISTANCE vs MOUNTING PAD AREA
ISL9N7030BLP3, ISL9N7030BLS3ST


Similar Part No. - ISL9N7030BLP3

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
ISL9N2357D3ST FAIRCHILD-ISL9N2357D3ST Datasheet
260Kb / 9P
   30V, 0.007 Ohm, 35A, N-Channel UltraFET Trench Power MOSFET
ISL9N302AP3 FAIRCHILD-ISL9N302AP3 Datasheet
122Kb / 10P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N302AS3ST FAIRCHILD-ISL9N302AS3ST Datasheet
253Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N303AP3 FAIRCHILD-ISL9N303AP3 Datasheet
269Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?
ISL9N303AS3 FAIRCHILD-ISL9N303AS3 Datasheet
269Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?
More results

Similar Description - ISL9N7030BLP3

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
HUF76137P3 FAIRCHILD-HUF76137P3 Datasheet
289Kb / 11P
   75A, 30V, 0.009 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Intersil Corporation
Intersil Corporation
HUF76137P3 INTERSIL-HUF76137P3 Datasheet
108Kb / 10P
   75A, 30V, 0.009 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Fairchild Semiconductor
Fairchild Semiconductor
HUF76143P3 FAIRCHILD-HUF76143P3 Datasheet
287Kb / 11P
   75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Intersil Corporation
Intersil Corporation
HUF76132P3 INTERSIL-HUF76132P3 Datasheet
110Kb / 10P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76139P3 INTERSIL-HUF76139P3 Datasheet
121Kb / 10P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Fairchild Semiconductor
Fairchild Semiconductor
ISL9N304AP3 FAIRCHILD-ISL9N304AP3 Datasheet
195Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 4.5m?
ISL9N303AP3 FAIRCHILD-ISL9N303AP3 Datasheet
269Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?
HUF76132P3 FAIRCHILD-HUF76132P3 Datasheet
287Kb / 11P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Intersil Corporation
Intersil Corporation
HUF76143P3 INTERSIL-HUF76143P3 Datasheet
109Kb / 10P
   75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76145P3 INTERSIL-HUF76145P3 Datasheet
109Kb / 10P
   75A, 30V, 0.0045 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz