Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL9N7030BLP3 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. ISL9N7030BLP3
Description  30V, 0.009 Ohm, 75A, N-Channel Logic Level UltraFET Trench Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9N7030BLP3 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  ISL9N7030BLP3 Datasheet HTML 1Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 2Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 3Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 4Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 5Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 6Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 7Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 8Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
ISL9N7030BLP3, ISL9N7030BLS3ST Rev. B
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Fairchild Application Notes AN7254 and AN7260.
FIGURE 12. GATE CHARGE WAVEFORMS FOR CONSTANT
GATE CURRENT
FIGURE 13. SWITCHING TIME vs GATE RESISTANCE
FIGURE 14. SWITCHING TIME vs GATE RESISTANCE
Typical Performance Curves (Continued)
100
1000
0.1
1
10
30
4000
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
0
2
4
6
8
10
0
1020304050
Qg, GATE CHARGE (nC)
ID = 14A
WAVEFORMS IN
DESCENDING ORDER:
ID = 48A
VDD = 15V
0
50
100
150
200
250
0
10
20304050
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 4.5V, VDD = 15V, ID = 15A
td(OFF)
tr
td(ON)
tf
0
50
100
150
200
250
300
350
0
10
20
304050
RGS, GATE TO SOURCE RESISTANCE (Ω)
td(OFF)
tr
td(ON)
tf
VGS = 10V, VDD = 15V, ID = 15A
Test Circuits and Waveforms
FIGURE 15. GATE CHARGE TEST CIRCUIT
FIGURE 16. GATE CHARGE WAVEFORMS
RL
VGS
+
-
VDS
VDD
DUT
Ig(REF)
VDD
Qg(TH)
VGS = 1V
Qg(5)
VGS = 5V
Qg(TOT)
VGS = 10V
VDS
VGS
Ig(REF)
0
0
Qgs
Qgd
ISL9N7030BLP3, ISL9N7030BLS3ST


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn