Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL9N7030BLP3 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. ISL9N7030BLP3
Description  30V, 0.009 Ohm, 75A, N-Channel Logic Level UltraFET Trench Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9N7030BLP3 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  ISL9N7030BLP3 Datasheet HTML 1Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 2Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 3Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 4Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 5Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 6Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 7Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 8Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
ISL9N7030BLP3, ISL9N7030BLS3ST Rev. B
FIGURE 5. TRANSFER CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 8. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 9. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
0
25
50
75
100
125
150
123
4
5
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = -55
oC
TJ = 175
oC
TJ = 25
oC
0
25
50
75
100
125
150
0
0.5
1.0
1.5
2.0
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 3V
VGS = 3.5V
VGS = 10V
VGS = 4.5V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
5
10
15
20
25
24
68
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 14A
ID = 75A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
ID = 50A
0.5
1.0
1.5
2.0
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 75A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.4
0.6
0.8
1.0
1.2
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
0.9
1.0
1.1
1.2
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
ISL9N7030BLP3, ISL9N7030BLS3ST


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn