Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL9N7030BLP3 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. ISL9N7030BLP3
Description  30V, 0.009 Ohm, 75A, N-Channel Logic Level UltraFET Trench Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9N7030BLP3 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  ISL9N7030BLP3 Datasheet HTML 1Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 2Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 3Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 4Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 5Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 6Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 7Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 8Page - Fairchild Semiconductor ISL9N7030BLP3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
ISL9N7030BLP3, ISL9N7030BLS3ST Rev. B
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. PEAK CURRENT CAPABILITY
TC , CASE TEMPERATURE (
oC)
0
0
25
50
75
100
175
0.2
0.4
0.6
0.8
1.0
1.2
125
150
0
20
40
60
80
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (
oC)
VGS = 10V
VGS = 4.5V
0.01
0.1
1
10-4
10-3
10-2
10-1
100
101
10-5
2
t , RECTANGULAR PULSE DURATION (s)
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
0.5
0.2
0.1
0.05
0.01
0.02
DUTY CYCLE - DESCENDING ORDER
SINGLE PULSE
100
1000
10-5
10-4
10-3
10-2
10-1
100
101
50
t, PULSE WIDTH (s)
TC = 25
oC
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
VGS = 5V
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
VGS = 10V
ISL9N7030BLP3, ISL9N7030BLS3ST


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn