Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK32CL Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SK32CL
Description  Low Vf Low Ir 3.0Amp Surface Mount Schottky Barier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SK32CL Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SK32CL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SK32CL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SK32CL
Low VF & Low IR
3.0 Amp Surface Mount Schottky Barrier Rectifiers
21-Mar-2013 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low profile package
Ideal for automated placement
Guard Ring for over voltage protection
Low forward voltage drop
Component in accordance to RoHS 2002/95/EC
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Lead Free Plating (Tin Finish).
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Mounting position: Any
Weight: 0.095 grams
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMC
1K
7 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum repetitive peak reverse voltage
VRRM
20
V
Maximum RMS voltage
VRMS
14
V
Maximum DC Blocking Voltage
VDC
20
V
Maximum average forward rectified current
IF(AV)
3
A
Peak Forward Current @ 8.3 ms Half Sine
IFSM
150
A
Maximum Instantaneous Forward Voltage
@ IF=3A
VF
0.42
V
TA=25°C
0.1
Maximum DC Reverse Current
At Rated DC Blocking
2
TA=100°C
IR
10
mA
Typical Junction Capacitance
1
CJ
200
pF
Typical Thermal Resistance
RθJL
20
°C/W
Typical Thermal Resistance
RθJC
25
°C/W
Operating And Storage Temperature Range
TJ ,TSTG
-55~150
°C
Note:
1.
Measured at 1.0MHZ and applied reverse voltage of 4.0V DC.
2.
Pulse test: 300μs pulse width, 1% duty cycle.
SMC
A
B
E
G
D
F
C
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.750
3.250
E
-
0.203
B
6.520
7.110
F
7.750
8.130
C
5.590
6.220
G
0.760
1.520
D
2.000
2.620
H
0.150
0.305


Similar Part No. - SK32CL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SK32CL SECOS-SK32CL_15 Datasheet
190Kb / 2P
   3.0 Amp Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SK32CL

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SSL32 LUGUANG-SSL32 Datasheet
205Kb / 2P
   3.0AMP. Surface Mount Low VF Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM320AL SECOS-SM320AL Datasheet
481Kb / 2P
   3.0Amp Low Vf Schottky Barrier Rectifiers
SK54BL SECOS-SK54BL Datasheet
140Kb / 2P
   Low Vf low ir 5.0 Amp Surface Mount Schottky Barrier Rectifiers
SK22BL SECOS-SK22BL_12 Datasheet
288Kb / 2P
   Low VF & Low IR 2.0 Amp Surface Mount Schottky Barrier Rectifiers
SK22AL SECOS-SK22AL_12 Datasheet
260Kb / 2P
   Low VF & Low IR 2.0 Amp Surface Mount Schottky Barrier Rectifiers
SK34CL SECOS-SK34CL_15 Datasheet
136Kb / 2P
   Low VF & Low IR Schottky Barrier Rectifiers
logo
Guangdong Juxing Electr...
SL12 JUXING-SL12 Datasheet
992Kb / 2P
   Surface Mount Low VF Schottky Rectifiers
DSK24L JUXING-DSK24L Datasheet
1Mb / 3P
   Surface Mount Low VF Schottky Rectifiers
SS54L JUXING-SS54L_18 Datasheet
1Mb / 2P
   Surface Mount Low VF Schottky Rectifiers
SS54L_18 JUXING-SS54L_18_01 Datasheet
2Mb / 2P
   Surface Mount Low VF Schottky Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com