Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA00GA3MEFJ-E2 Datasheet(PDF) 5 Page - Rohm

Part # BA00GA3MEFJ-E2
Description  Automotive 300mA Variable Output LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA00GA3MEFJ-E2 Datasheet(HTML) 5 Page - Rohm

  BA00GA3MEFJ-E2 Datasheet HTML 1Page - Rohm BA00GA3MEFJ-E2 Datasheet HTML 2Page - Rohm BA00GA3MEFJ-E2 Datasheet HTML 3Page - Rohm BA00GA3MEFJ-E2 Datasheet HTML 4Page - Rohm BA00GA3MEFJ-E2 Datasheet HTML 5Page - Rohm BA00GA3MEFJ-E2 Datasheet HTML 6Page - Rohm BA00GA3MEFJ-E2 Datasheet HTML 7Page - Rohm BA00GA3MEFJ-E2 Datasheet HTML 8Page - Rohm BA00GA3MEFJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5/21
BDxxGA3MEFJ-M
Datasheet
TSZ02201-0R6R0AN00220-1-2
2012.8.31 Rev.001
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
●Typical Performance Curves
(Unless otherwise noted, EN=3V, VCC=6V, R1=43kΩ, R2=8.2kΩ)
Figure 3.
Transient Response
(0→0.3A)
Co=1µF, Ta=-40°C
Figure 4.
Transient Response
(0→0.3A)
Co=1µF, Ta=25°C
IO
IO
VEN
VCC
VO
VEN
VCC
T.B.D
T.B.D
T.B.D
Vo
50mV/div
Io
0.2A/div
Vo
50mV/div
Io
0.2A/div
10usec/div
10usec/div
Vo
50mV/div
Io
0.2A/div
10usec/div
2msec/div
Vo
50mV/div
Io
0.2A/div
Figure 6.
Transient Response
(0.3→0A)
Co=1µF,Ta=-40℃
Figure 5.
Transient Response
(0→0.3A)
Co=1µF,Ta=105℃


Similar Part No. - BA00GA3MEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA000LBSG ROHM-BA000LBSG Datasheet
116Kb / 9P
   Super-mini package regulator IC
BA000LBSG_SERIES ROHM-BA000LBSG_SERIES Datasheet
121Kb / 9P
   Internal output transistor (IO=150mA), Internal temperature protection circuit
BA00ASFP ROHM-BA00ASFP Datasheet
119Kb / 10P
   Regulator, low drop-out type with ON/OFF switch
BA00ASFP-E2 ROHM-BA00ASFP-E2 Datasheet
129Kb / 11P
   Regulator, low drop-out type with ON/OFF switch
BA00AST ROHM-BA00AST Datasheet
119Kb / 10P
   Regulator, low drop-out type with ON/OFF switch
More results

Similar Description - BA00GA3MEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXGA3MEFJ-M ROHM-BDXXGA3MEFJ-M Datasheet
997Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
2021.10.11 Rev.002
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
BD00GC0MEFJ-M ROHM-BD00GC0MEFJ-M Datasheet
621Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BD00HA3MEFJ-ME2 ROHM-BD00HA3MEFJ-ME2 Datasheet
609Kb / 24P
   Automotive 0.3A Variable Output LDO Regulator
BD00HA5MEFJ-M ROHM-BD00HA5MEFJ-M Datasheet
710Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
BD00IA5MHFV-M ROHM-BD00IA5MHFV-M Datasheet
2Mb / 31P
   Automotive 0.5A Variable Output LDO Regulator
BDXXGA5MEFJ-M ROHM-BDXXGA5MEFJ-M Datasheet
1Mb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXIA5MEFJ-M ROHM-BDXXIA5MEFJ-M Datasheet
949Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com